Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5222-K60 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # K5222-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K5222-K60 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button K5222-K60 Datasheet HTML 6Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 7Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 8Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 10Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 11Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 12Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 13Page - List of Unclassifed Manufacturers K5222-K60 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
36
Siemens Matsushita Components
Chip thickness: x: 1,2
± 0,1 mm
Ordering codes for X7R/B characteristic, 50 Vdc, AgPd terminations (cont´d)
Size
1812/4532
2220/5750
CR
Ordering code1)
B37953-
B37956-
100,0 nF
120,0 nF
150,0 nF
180,0 nF
220,0 nF
270,0 nF
330,0 nF
390,0 nF
470,0 nF
560,0 nF
680,0 nF
820,0 nF
1,0
µF
-J5104-K62
-J5124-K62
-J5154-K62
-J5184-K62
-J5224-K62
-J5274-K62
-J5334-K62
-J5394-K62
-J5474-K62
x
x
x
x
x
x
x
x
x
-J5474-K62
-J5564-K62
-J5684-K62
-J5824-K62
-J5105-K62
x
x
x
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37953-J5104-K62
For other available capacitance tolerances see page 27


Similar Part No. - K5222-K60

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K522217 KATHREIN-K522217 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
K522257 KATHREIN-K522257 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K5222-K60

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com