Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSX2-CE1-22-19.680 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CSX2-CE1-22-19.680
Description  Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CSX2-CE1-22-19.680 Datasheet(HTML) 1 Page - Crystek Corporation

  CSX2-CE1-22-19.680 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021011 Rev. G
Specifications subject to change without notice.
3.2X5 mm Ultra Miniature SMD Crystal
CSX3 Model
12MHz to 45MHz
±10ppm to ±50ppm
±10ppm to ±100ppm
-10°C to 70°C
-30°C to 85°C
5.0pF Max
20uW Typical, 300uW Max
±3ppm Max 1st/yr
see table 1
1K Tape and Reel
Frequency Range:
Calibration Tolerance:
Frequency Stability:
Temperature Range:
Storage:
Shunt Capacitance:
Drive Level:
Aging:
ESR:
Packaging:
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Build Your Own P/N
CSX3-XXX-XX-Freq
Example:
CSX3-AB1-18-19.680 = ±10ppm at 25°C, ±25ppm -10 to 70°C, Fundamental, 18pF Load Cap, 19.680MHz
Frequency Tolerance
at 25°C
A ±10 ppm
B ±25 ppm
C ±50 ppm
(-10 to 70°C)
(-10 to 70°C)
(-10 to 70°C)
(-10 to 70°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
±10 ppm
±25 ppm
±50 ppm
±100 ppm
±50 ppm
±100 ppm
±30 ppm
A
B
C
D
E
F
G
Frequency Stability
over Temp Range
Load
Capacitance
S=
10=
14=
16=
18=
20=
22=
25=
32=
Series
10pF
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
Mode
"Blank" or "1"
Fundamental 12-39 MHz
PIN
Signal
1
2
3
4
Crystal
GND
Crystal
GND
12.0 - 20.0 (F)
20.1 - 39.0 (F)
Resistance at series resonance
Freq. (MHz)
Max ESR
50
40
Table 1
Designed to meet the most
demanding space requirements
while providing excellent stability.
Aging:
<3ppm 1st/yr Max
Quartz Crystal
46
0.197±0.006
(5.0±0.15)
0.126±0.006
(3.2±0.15)
CRYSTEK
25M DC
.043
(1.1)
1
3
2
4
Top View
.033
(0.85)
0.102
(2.4)
1
Bottom
View
.047
(1.2)
2
3
4
.055
(1.40)
0.150
(3.8)
0.090
(2.3)
0.051
(1.3)
0.063
(1.6)
Suggested Pad
Layout
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Similar Part No. - CSX2-CE1-22-19.680

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CSX2-CA-14-44.736 CRYSTEKCRYSTAL-CSX2-CA-14-44.736 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
CSX2-CA-16-44.736 CRYSTEKCRYSTAL-CSX2-CA-16-44.736 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
CSX2-CA-18-44.736 CRYSTEKCRYSTAL-CSX2-CA-18-44.736 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
CSX2-CA-20-44.736 CRYSTEKCRYSTAL-CSX2-CA-20-44.736 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
CSX2-CA-22-44.736 CRYSTEKCRYSTAL-CSX2-CA-22-44.736 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
More results

Similar Description - CSX2-CE1-22-19.680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX3 ETC2-CSX3 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
logo
Abracon Corporation
ABM11 ABRACON-ABM11 Datasheet
263Kb / 1P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
ABM3C ABRACON-ABM3C_11 Datasheet
1Mb / 2P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
02.26.11
ABM11 ABRACON-ABM11_15 Datasheet
1Mb / 2P
   CERAMICS SMD ULTRA MINIATURE QUARTZ CRYSTAL
06.19.15
ABM10 ABRACON-ABM10 Datasheet
666Kb / 2P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
05.01.07
ABM11 ABRACON-ABM11_08 Datasheet
164Kb / 2P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
Revised A: 03.11.08
ABM8L ABRACON-ABM8L Datasheet
699Kb / 2P
   CERAMIC SMD ULTRA MINIATURE CONTOUR MODE QUARTZ CRYSTAL
5.01.07
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3_15 Datasheet
53Kb / 1P
   3.2횞5.0 mm Ultra Miniature SMD Crystal
CSX4 CRYSTEKCRYSTAL-CSX4 Datasheet
136Kb / 1P
   Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
logo
STATEK CORPORATION
CX103 STATEK-CX103 Datasheet
131Kb / 2P
   Miniature Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com