Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SERCON816 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SERCON816
Description  SERCOS INTERFACE CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON816 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SERCON816 Datasheet HTML 6Page - STMicroelectronics SERCON816 Datasheet HTML 7Page - STMicroelectronics SERCON816 Datasheet HTML 8Page - STMicroelectronics SERCON816 Datasheet HTML 9Page - STMicroelectronics SERCON816 Datasheet HTML 10Page - STMicroelectronics SERCON816 Datasheet HTML 11Page - STMicroelectronics SERCON816 Datasheet HTML 12Page - STMicroelectronics SERCON816 Datasheet HTML 13Page - STMicroelectronics SERCON816 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SERCON816
10/23
Typical current consumption: measured at 5V (VCC/VDD) and 25°C
3.5 AC Electrical Characteristics
(Cload = 50 pF, VDD = 5 V ± 5% Tamb = -40 °C to +85 °C)
3.5.1 Clock Input MCLK
Figure 5. Timing of clock MCLK and related outputs
Mode
fSCLK (MHz)
fMCLK (MHz)
Current (mA)
410B
64
32
30
816
64
32
80
Symbol
Parameter
Min.
Typ.
Max.
Unit
fMCLK
Clock frequency MCLK
12
64
MHz
tMCLK0
MCLK low
6
ns
tMCLK1
MCLK high
6
ns
tMCLD
Output delay rising edge MCLK to DMAREQR/T, CON_CLK,
DIV_CLK
20
ns
fMCLK
Baudrate 2 Mbit/s
12
64
MHz
fMCLK
Baudrate 4 Mbit/s
12
64
MHz
MCLK
1 / fMCLK
tMCLK0
tMCLD
tMCLK1
DMAREQR/T
CON_CLK,
DIV_CLK


Similar Part No. - SERCON816

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SERCON410B STMICROELECTRONICS-SERCON410B Datasheet
286Kb / 34P
   SERCOS INTERFACE CONTROLLER
More results

Similar Description - SERCON816

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SERCON410B STMICROELECTRONICS-SERCON410B Datasheet
286Kb / 34P
   SERCOS INTERFACE CONTROLLER
logo
List of Unclassifed Man...
TIP812 ETC1-TIP812 Datasheet
82Kb / 1P
   SERCOS Controller
logo
Schneider Electric
TM5CSLC100FS SCHNEIDER-TM5CSLC100FS Datasheet
402Kb / 7P
   Controller system, Modicon TM5, Safe logic CPU standard, SERCOS 3 interface, 20 nodes
Apr 8, 2022
TM5CSLC200FS SCHNEIDER-TM5CSLC200FS Datasheet
402Kb / 7P
   Controller system, Modicon TM5, Safe logic CPU plus, SERCOS 3 interface, 80 nodes
Apr 8, 2022
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
TM5NS31 SCHNEIDER-TM5NS31 Datasheet
282Kb / 6P
   Sercos 3 communication module, Modicon TM5, fieldbus interface
Apr 6, 2022
logo
List of Unclassifed Man...
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
   USB Interface Controller
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
   PD Interface Controller
logo
Sony Corporation
CXD1969 SONY-CXD1969 Datasheet
159Kb / 2P
   CableCARDTM INTERFACE CONTROLLER
logo
NXP Semiconductors
PCA82C250 PHILIPS-PCA82C250 Datasheet
94Kb / 20P
   CAN controller interface
2000 Jan 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com