Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5012 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA5012
Description  X Band Driver Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5012 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA5012 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5012 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA5012
X Band Driver Amplifier
Ref. : DSCHA50126286 - 13 Oct 06
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Vc= +7.5V (Pulse 100µs 20%)
Symbol
Parameter
Min
Typ
Max
Unit
Top
Operating temperature range
-40
80
°C
Fop
Operating frequency range
9.2
10.8
GHz
G
Small signal gain at 25°C
21
23
25
dB
∆G
Small signal gain flatness at 25°C
±0.5
dB
∆G_T
Linear gain variation vs temperature
-0.03
dB/°C
P1dB
Output power at 1dB compression at 25°C
28
d Bm
P3dB
Output power at 3dB compression at 25°C
Output power at 3dB compression at 80°C
28
27.5
29.5
29
dBm
PAE_3dBc
Pae at 3dB compression at 25°C
Pae at 3dB compression at 80°C
33
30
40
37
%
dBS11
Input Return Loss
-12
-10
dB
dBS22
Output Return Loss
-10
-7
dB
Vc
Power supply voltage
7.5
V
Icq
Power supply quiescent current (1)
200
mA
Ic_3dBc
Consumption under 3dB compression
290
mA
Vctrl
Collector current control voltage
5
V
Ictrl
Biasing circuit consumption
10
mA
TI
TTL input voltage
5
V
I_TI
TTL input current
1
mA
(1) For Vc=7.5V, TTL interface settles Icq to 200 mA . If needed, Icq can be tuned thanks to Vctrl if the biasing
circuit is used.
Absolute Maximum Ratings (2)
Tamb = 25°C
Symbol
Parameter
Values
Unit
Cmp
Compression level (3)
9
dB
Vc
Power supply voltage (4)
10
V
Icq
Power supply quiescent current
320
mA
Ic_sat
Power supply current in saturation
350
mA
Vct
Collector current control voltage
6.5
V
Tj
Maximum Junction temperature (5)
175
°C
Tstg
Storage temperature range
-55 to +125
°C
(2)
Operation of this device above anyone of these parameters may cause permanent damage.
(3)
For higher compression the level limit can be increased by decreasing the voltage Vc using the rate
0.5 V / dBc
(4)
Without RF input power
(5)
Equivalent Thermal Resistance to Backside : 55°C/ W


Similar Part No. - CHA5012

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
514Kb / 10P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
526Kb / 10P
   X Band Driver Amplifier
CHA5012-99F UMS-CHA5012-99F Datasheet
514Kb / 10P
   X Band Driver Amplifier
CHA5012-99F00 UMS-CHA5012-99F00 Datasheet
514Kb / 10P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012_10 Datasheet
514Kb / 10P
   X Band Driver Amplifier
More results

Similar Description - CHA5012

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_10 Datasheet
514Kb / 10P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700_15 Datasheet
614Kb / 16P
   X Band Driver Amplifier
logo
United Monolithic Semic...
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
   X Band HBT Driver Amplifier
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
   X-Band Amplifier
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com