Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD57060-01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSD57060-01
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSD57060-01 Datasheet(HTML) 6 Page - STMicroelectronics

  TSD57060-01 Datasheet HTML 1Page - STMicroelectronics TSD57060-01 Datasheet HTML 2Page - STMicroelectronics TSD57060-01 Datasheet HTML 3Page - STMicroelectronics TSD57060-01 Datasheet HTML 4Page - STMicroelectronics TSD57060-01 Datasheet HTML 5Page - STMicroelectronics TSD57060-01 Datasheet HTML 6Page - STMicroelectronics TSD57060-01 Datasheet HTML 7Page - STMicroelectronics TSD57060-01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
COMMON SOURCE S-PARAMETERS
(VDS =28 V,IDS =2 A)
FREQ( MHz)
s11 MAG
s11 ang
s21 MAG
s21 an g
s12 MAG
s12 ang
s22 MAG
s22 ang
50
0.857
-159.69
22.757
85.934
0.0114
-3.8342
0.67
-161.72
60
0.86
-160.69
21.547
85.328
0.0113
-4.4852
0.672
-162.07
70
0.862
-161.73
20.287
84.672
0.0112
-5.1512
0.674
-162.41
80
0.865
-162.8
18.987
83.933
0.0111
-5.8379
0.677
-162.74
90
0.869
-163.89
17.65
83.083
0.011
-6.5533
0.679
-163.07
100
0.872
-164.98
16.286
82.083
0.011
-7.4226
0.683
-163.39
150
0.891
-169.66
9.9447
74.03
0.0103
-12.13
0.708
-164.66
200
0.905
-171.43
6.719
67.256
0.0094
-15.548
0.74
-164.87
250
0.915
-172.29
5.074
62.268
0.0086
-17.236
0.774
-164.99
300
0.926
-172.84
3.978
57.533
0.0077
-18.625
0.806
-165.35
350
0.935
-173.34
3.297
54.035
0.0069
-17.313
0.834
-165.82
400
0.943
-173.79
2.775
49.488
0.0061
-16.81
0.86
-166.35
450
0.951
-174.24
2.376
46.121
0.0054
-13.006
0.881
-166.85
500
0.957
-174.67
2.061
41.541
0.0048
-9.175
0.898
-167.35
550
0.962
-175.11
1.766
38.23
0.0041
-2.5323
0.913
-167.83
600
0.966
-175.53
1.546
35.173
0.0035
-7.641
0.925
-168.25
650
0.969
-175.95
1.32
32.548
0.0031
19.501
0.937
-168.57
700
0.972
-176.34
1.162
31.674
0.0031
34.423
0.946
-168.81
750
0.974
-176.75
1.021
29.983
0.0032
48.345
0.954
-168.93
800
0.976
-177.15
0.91
30.341
0.0035
62.927
0.96
-168.98
850
0.977
-177.57
0.826
29.318
0.004
74.982
0.967
-168.95
900
0.978
-177.98
0.749
29.508
0.0047
81.962
0.973
-168.88
950
0.979
-178.41
0.696
28.477
0.0054
87.332
0.978
-168.77
1000
0.979
-178.85
0.639
27.949
0.0063
90.913
0.982
-168.72
1050
0.98
-179.24
0.601
26.768
0.0072
95.707
0.984
-168.75
1100
0.981
-179.61
0.561
25.598
0.0082
98.95
0.985
-168.87
1150
0.981
-179.95
0.533
23.746
0.0094
101.25
0.986
-169.13
1200
0.982
179.72
0.498
21.331
0.011
102.03
0.985
-169.64
1250
0.983
179.44
0.472
19.005
0.012
102.21
0.981
-170.42
1300
0.984
179.23
0.44
16.272
0.0131
101.78
0.976
-171.5
1350
0.985
179.02
0.417
14.424
0.0143
100.61
0.969
-172.89
1400
0.986
178.85
0.394
11.161
0.0156
99.505
0.96
-174.72
1450
0.986
178.7
0.372
8.789
0.0163
97.699
0.949
-176.87
1500
0.986
178.6
0.354
6.5533
0.0168
96.68
0.94
-178.58
SD57060-01
6/8


Similar Part No. - TSD57060-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSD57060 STMICROELECTRONICS-TSD57060 Datasheet
73Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
More results

Similar Description - TSD57060-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD57045-01 STMICROELECTRONICS-SD57045-01 Datasheet
233Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57060 STMICROELECTRONICS-SD57060 Datasheet
73Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57030-01 STMICROELECTRONICS-SD57030-01 Datasheet
73Kb / 7P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57045 STMICROELECTRONICS-SD57045 Datasheet
234Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57120 STMICROELECTRONICS-SD57120 Datasheet
63Kb / 7P
   RF POWER TRANSISTORS The LdmoSTFAMILY
logo
Motorola, Inc
TP3019 MOTOROLA-TP3019 Datasheet
121Kb / 3P
   The RF Line UHF Power Transistors
logo
STMicroelectronics
SD57030 STMICROELECTRONICS-SD57030 Datasheet
262Kb / 7P
   RF POWER TRANSISTORS The LdmoST FAMILY
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
logo
Motorola, Inc
MRA0610 MOTOROLA-MRA0610 Datasheet
308Kb / 6P
   THE RF LINE UHF POWER TRANSISTORS
logo
STMicroelectronics
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com