Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1861CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1861CS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1861CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1861CS8 Datasheet HTML 1Page - Linear Technology LTC1861CS8 Datasheet HTML 2Page - Linear Technology LTC1861CS8 Datasheet HTML 3Page - Linear Technology LTC1861CS8 Datasheet HTML 4Page - Linear Technology LTC1861CS8 Datasheet HTML 5Page - Linear Technology LTC1861CS8 Datasheet HTML 6Page - Linear Technology LTC1861CS8 Datasheet HTML 7Page - Linear Technology LTC1861CS8 Datasheet HTML 8Page - Linear Technology LTC1861CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1860/LTC1861
18601f
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
µPower, 12-Bit, 250ksps
1- and 2-Channel ADCs in MSOP
Single 5V Supply, 250ksps, 12-Bit Sampling ADC
Supply Current vs Sampling Frequency
The LTC
®1860/LTC1861 are 12-bit A/D converters that are
offered in MSOP and SO-8 packages and operate on a
single 5V supply. At 250ksps, the supply current is only
850
µA. The supply current drops at lower speeds because
the LTC1860/LTC1861 automatically power down to a
typical supply current of 1nA between conversions. These
12-bit switched capacitor successive approximation ADCs
include sample-and-holds. The LTC1860 has a differential
analog input with an adjustable reference pin. The LTC1861
offers a software-selectable 2-channel MUX and an ad-
justable reference pin on the MSOP version.
The 3-wire, serial I/O, MSOP or SO-8 package and
extremely high sample rate-to-power ratio make these
ADCs ideal choices for compact, low power, high speed
systems.
These ADCs can be used in ratiometric applications or with
external references. The high impedance analog inputs
and the ability to operate with reduced spans down to 1V
full scale, allow direct connection to signal sources in
many applications, eliminating the need for external gain
stages.
s
12-Bit 250ksps ADCs in MSOP Package
s
Single 5V Supply
s
Low Supply Current: 850
µA (Typ)
s
Auto Shutdown Reduces Supply Current
to 2
µA at 1ksps
s
True Differential Inputs
s
1-Channel (LTC1860) or 2-Channel (LTC1861)
Versions
s
SPI/MICROWIRE
TM Compatible Serial I/O
s
High Speed Upgrade to LTC1286/LTC1298
s
Pin Compatible with 16-Bit LTC1864/LTC1865
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
High Speed Data Acquisition
s
Portable or Compact Instrumentation
s
Low Power Battery-Operated Instrumentation
s
Isolated and/or Remote Data Acquisition
MICROWIRE is a trademark of National Semiconductor Corporation.
1
2
3
4
8
7
6
5
VREF
IN+
IN
GND
VCC
SCK
SDO
CONV
LTC1860
1860 TA01
ANALOG INPUT
0V TO 5V
5V
1
µF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1860 TA02
0.1
1
10
1000


Similar Part No. - LTC1861CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1861CS8 LINER-LTC1861CS8 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861CS8-PBF LINER-LTC1861CS8-PBF Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1861CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com