Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-545P8-TR2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # MGA-545P8-TR2
Description  1-7 GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-545P8-TR2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  MGA-545P8-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-545P8-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
MGA-545P8 Typical Performance, Tc = 25
°C, V
d = 3.3 V unless stated otherwise.
Figure 3. Small signal gain vs. frequency and
voltage[1,5].
Figure 11. OIP3 vs. voltage at 5.725 GHz[4,5].
Figure 10. Noise figure vs. frequency and
voltage[2,5].
Figure 9. Power added efficiency vs.
frequency and voltage[2,3,5].
Figure 8. Output power at 1 dB gain
compression vs. frequency and voltage[2,5].
Figure 7. Saturated power vs. frequency and
temperature[2,3,5].
Figure 6. Saturated power vs. frequency and
voltage[2,3,5].
Figure 5. Saturated gain vs. frequency and
voltage[2,3,5].
Figure 4. Small signal gain vs. frequency and
temperature[1,5].
10
12
14
16
18
20
22
24
1234567
FREQUENCY (GHz)
2.7 V
3.0 V
3.3 V
4.0 V
7
9
13
11
15
17
19
21
23
25
1234567
FREQUENCY (GHz)
–40°C
25°C
85°C
6
8
12
10
14
16
18
20
22
1234567
FREQUENCY (GHz)
2.7 V
3.0 V
3.3 V
4.0 V
16
18
22
20
24
26
1234567
FREQUENCY (GHz)
2.7 V
3.0 V
3.3 V
4.0 V
14
16
18
22
20
24
26
1234567
FREQUENCY (GHz)
2.7 V
3.0 V
3.3 V
4.0 V
0
1
2
4
3
5
6
1234567
FREQUENCY (GHz)
2.7 V
3.0 V
3.3 V
4.0 V
25
30
35
50
45
40
55
60
1234567
FREQUENCY (GHz)
2.7 V
3.0 V
3.3 V
4.0 V
20
21
23
22
24
1
234567
FREQUENCY (GHz)
–40°C
25°C
85°C
25
27
28
32
30
34
35
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
VOLTAGE (V)
5.725 GHz
26
29
31
33


Similar Part No. - MGA-545P8-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-545P8 AVAGO-MGA-545P8 Datasheet
117Kb / 9P
   50 MHz to 7 GHz Medium Power Amplifier
More results

Similar Description - MGA-545P8-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-545P8 AVAGO-MGA-545P8 Datasheet
117Kb / 9P
   50 MHz to 7 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A Datasheet
291Kb / 8P
   7-20GHz Medium Power Amplifier
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
CHA3667A UMS-CHA3667A_15 Datasheet
160Kb / 8P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG_15 Datasheet
357Kb / 16P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG Datasheet
518Kb / 14P
   7-20GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com