Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2740 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2740
Description  DAB Digital Processing Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740 Datasheet(HTML) 6 Page - ATMEL Corporation

  ATR2740_07 Datasheet HTML 1Page - ATMEL Corporation ATR2740_07 Datasheet HTML 2Page - ATMEL Corporation ATR2740_07 Datasheet HTML 3Page - ATMEL Corporation ATR2740_07 Datasheet HTML 4Page - ATMEL Corporation ATR2740_07 Datasheet HTML 5Page - ATMEL Corporation ATR2740_07 Datasheet HTML 6Page - ATMEL Corporation ATR2740_07 Datasheet HTML 7Page - ATMEL Corporation ATR2740_07 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
4816ES–DAB–01/07
ATR2740 [Preliminary]
7.
Package Information LQFP128
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR2740-RQHH
LQFP128
16 mm
× 16 mm, 0.40 mm pitch, lead free
ATR2740-7GHG
BGA121
10 mm
× 10 mm, 0.80 mm pitch, lead free
specifications
according to DIN
technical drawings
Issue: 1; 15.09.03
Drawing-No.: 6.543-5103.01-4
Dimensions in mm
(acc. JEDEC OUTLINE No. MS-026)
Package: LQFP 128
0.1±0.05
14±0.1
16±0.2
12.4
33
64
128
65
96
1.6 max.
3.5
˚
±3.5
˚
32
1
97
0.15-0.06
+0.05


Similar Part No. - ATR2740_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
   DAB Digital Processing Device
More results

Similar Description - ATR2740_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2740M1 ATMEL-ATR2740M1 Datasheet
195Kb / 8P
   DAB Digital Processing Device
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
   DAB Digital Processing Device
ATR2740 ATMEL-ATR2740 Datasheet
541Kb / 7P
   DAB DIGITAL PROCESSING DEVICE
logo
TEMIC Semiconductors
U2759B TEMIC-U2759B Datasheet
141Kb / 9P
   IF Signal Processing for DAB
logo
STMicroelectronics
STA660 STMICROELECTRONICS-STA660 Datasheet
212Kb / 8P
   DAB/DAB/DMB-A multi-standard digital radio decoder
February 2019 Rev 1
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
[Old version datasheet]   Digital Signal Processing Solutions
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
TEMIC Semiconductors
U2752M TEMIC-U2752M Datasheet
79Kb / 6P
   Digital I/Q-Generator Chip for DAB
logo
Shenzhen Titan Micro El...
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com