Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XSD56120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # XSD56120
Description  RF POWER TRANSISTORS RF POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XSD56120 Datasheet(HTML) 2 Page - STMicroelectronics

  XSD56120 Datasheet HTML 1Page - STMicroelectronics XSD56120 Datasheet HTML 2Page - STMicroelectronics XSD56120 Datasheet HTML 3Page - STMicroelectronics XSD56120 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATION (Tcase = 25
oC)
STATIC (Per Section)
Symbol
Parameter
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0V
IDS = 10 mA
65
V
IDSS
VGS = 0V
VDS = 28 V
1
µA
IGSS
VGS = 20V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28V
ID = 100 mA
3.0
5.0
V
VDS(ON)
VGS = 10V
ID = 3 A
0.7
0.8
V
GFS
VDS = 10V
ID = 3 A
3
mho
CISS
VGS = 0V
VDS = 28 V
f = 1 MHz
88
pF
COSS
VGS = 0V
VDS = 28 V
f = 1 MHz
44
pF
CRSS
VGS = 0V
VDS = 28 V
f = 1 MHz
1.7
pF
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
VDD = 28V
f = 860 MHz
IDQ = 400 mA
100
W
GPS
VDD = 28 V
Pout = 100W PEP
IDQ = 400 mA
13
dB
ηD
VDD = 28 V
Pout = 100W PEP
IDQ = 400 mA
30
36
%
IMD
VDD = 28 V
Pout = 100W PEP
IDQ = 400 mA
31
dB
Load
Mismatch
f = 860 MHz
VDD = 28 V
Pout = 100W PEP
IDQ = 400 mA
ALL PHASE ANGLES
5:1
VSWR
Note : f1 = 860 MHz
f2 = 860.1 MHz
SD56120
2/4


Similar Part No. - XSD56120

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
XSD5000 CALOGIC-XSD5000 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
XSD5000 CALOGIC-XSD5000 Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
XSD5001 CALOGIC-XSD5001 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
XSD5001 CALOGIC-XSD5001 Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
XSD5002 CALOGIC-XSD5002 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
More results

Similar Description - XSD56120

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD2941-10 NJSEMI-SD2941-10 Datasheet
233Kb / 4P
   RF power transistors
2N5946 NJSEMI-2N5946 Datasheet
140Kb / 2P
   RF POWER TRANSISTORS
logo
Motorola, Inc
MRF449 MOTOROLA-MRF449 Datasheet
82Kb / 3P
   RF POWER TRANSISTORS
MRF453 MOTOROLA-MRF453 Datasheet
83Kb / 2P
   RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6104 NJSEMI-2N6104 Datasheet
180Kb / 2P
   RF POWER TRANSISTORS
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com