Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN11536 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN11536
Description  115MHz SAW Filter 15MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11536 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN11536 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11536 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11536 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN11536
Rev. Date
2007-11-13
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 2/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
115MHz SAW Filter
15MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN11536
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: DIP3512
Unit: mm
Pad Configuration:
Input
1
Output
5
Ground All Others
Marking Configuration:
1) SIPAT: Manufacturer Name
2) LBN11536: Part Number
3) 07XX: Date Code
INPUT
OUTPUT
50Ω
50Ω
35.00 0.5
0.45 0.05
25.40 0.2
2.54 0.2
2.54 0.2
SIPAT
LBN11536
07XX


Similar Part No. - LBN11536

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11536 SIPAT-LBN11536 Datasheet
192Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
More results

Similar Description - LBN11536

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11536 SIPAT-LBN11536 Datasheet
192Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
LBT11562 SIPAT-LBT11562 Datasheet
141Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
LBN11527 SIPAT-LBN11527 Datasheet
137Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
LBT11562 SIPAT-LBT11562 Datasheet
141Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
LBN11527 SIPAT-LBN11527 Datasheet
142Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
   872.5MHz SAW Filter 15MHz Bandwidth
LBT13010 SIPAT-LBT13010 Datasheet
142Kb / 3P
   130MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
   872.5MHz SAW Filter 15MHz Bandwidth
LBN14088 SIPAT-LBN14088_10 Datasheet
135Kb / 3P
   140MHz SAW Filter 15MHz Bandwidth
LBN16045 SIPAT-LBN16045 Datasheet
138Kb / 3P
   159.9MHz SAW Filter 15MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com