Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307 Datasheet(PDF) 1 Page - CTS Corporation

Part # 307
Description  Commercial miniature 6 mm cermet trimmer potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

307 Datasheet(HTML) 1 Page - CTS Corporation

  307 Datasheet HTML 1Page - CTS Corporation 307 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial
miniature 6 mm
cermet trimmer
potentiometer
• Variety of terminal pitches
• Front cross-slot adjustment
• Available in Bulk and Ammo-Pak
Electrical and Mechanical Specifications
Taper
Linear
Resistance Range
100 ohms to 1 megohm
(See Resistance Code Table)
Resistance Tolerance
± 25 %
Residual Resistance
240
° ± 10°
Less than 2% of the total resistance value,
100 kΩ < 5% maximum
Power Rating
Cermet - 0.3 watt at 70
°C, 0 watts at 100°C
Maximum Working Voltage
100 V
Temperature Range
-25
° C ~ +100 ° C
Temperature Coefficient
± 250 ppm/°C
Noise (Contact Resistance Variation)
Less than 4% of total resistance
Rotation Angle
Operation Torque
Bulk – 2.94 ~ 29.4 mN•m
Taped – 0.98 ~ 29.4 mN•m
Stop Strength
49.00 mN•m, maximum
Series 307
Technical Data
Document No. 307 Series
Page 1 of 2
Rev. A
٠ CTS Electronic Components ٠ www.ctscorp.com ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108


Similar Part No. - 307

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-006-401-101 EDAC-307-006-401-101 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-101 EDAC-307-006-401-101 Datasheet
144Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
145Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 307

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
303 CTS-303 Datasheet
163Kb / 2P
   Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Vishay Siliconix
T7 VISHAY-T7_13 Datasheet
104Kb / 5P
   7 mm Diameter Miniature Cermet Trimmer
Revision: 05-Aug-13
logo
HOKURIKU ELECTRIC INDUS...
E01340A HOKURIKU-E01340A Datasheet
1Mb / 4P
   Chip Type Cermet Trimmer Potentiometer
logo
Suntan Capacitors
TSR-3269 SUNTAN-TSR-3269_17 Datasheet
267Kb / 1P
   Cermet-Ceramic Trimmer Potentiometer ??3269
logo
Vishay Siliconix
T53Y VISHAY-T53Y Datasheet
106Kb / 4P
   Miniature Trimmer Single-Turn Cermet
Revision: 21-Jun-06
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
   7 mm Diameter Miniature Single-Turn Cermet Trimmer
01-Jan-2022
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com