Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307 Datasheet(PDF) 2 Page - CTS Corporation

Part # 307
Description  Commercial miniature 6 mm cermet trimmer potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

307 Datasheet(HTML) 2 Page - CTS Corporation

  307 Datasheet HTML 1Page - CTS Corporation 307 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
307U Style - Horizontal mounting - Knob parallel to printed circuit board
307X Style - Vertical Mounting - Knob perpendicular to printed circuit board
Ordering Information
307
U
C
203
E
A
Example of part number: 307UC203ERA
E
± 25 %
RESISTANCE CODE
Resistance
100 OHMS
200 OHMS
500 OHMS
1K OHMS
2K OHMS
C -
CROSS-SLOT
SMOOTH
EDGE
MOUNTING STYLE
U-
HORIZONTAL MOUNT
X-
VERTICAL MOUNT - KNOB
307 -
6 mm ROUND
CERMET
TRIMMER
KNOB TYPE
RESISTANCE
TOLERANCE
SERIES
٠
Document No. 307 Series
Page 2 of 2
Rev. A
٠ CTS Electronic Components ٠ www.ctscorp.com ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108
PACKAGING
BLANK
– BULK
(500 pcs)
A –
Ammo-Pak
(1,000pc)
Dimensions: mm
Dimensions: mm
Code
101
201
501
102
202
Code
502
103
203
503
Resistance
5K OHMS
10K OHMS
20K OHMS
50K OHMS
Code
104
204
504
105
Resistance
100K OHMS
200K OHMS
500K OHMS
1 MEGOHM


Similar Part No. - 307

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-006-401-101 EDAC-307-006-401-101 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-101 EDAC-307-006-401-101 Datasheet
144Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
145Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 307

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
303 CTS-303 Datasheet
163Kb / 2P
   Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Vishay Siliconix
T7 VISHAY-T7_13 Datasheet
104Kb / 5P
   7 mm Diameter Miniature Cermet Trimmer
Revision: 05-Aug-13
logo
HOKURIKU ELECTRIC INDUS...
E01340A HOKURIKU-E01340A Datasheet
1Mb / 4P
   Chip Type Cermet Trimmer Potentiometer
logo
Suntan Capacitors
TSR-3269 SUNTAN-TSR-3269_17 Datasheet
267Kb / 1P
   Cermet-Ceramic Trimmer Potentiometer ??3269
logo
Vishay Siliconix
T53Y VISHAY-T53Y Datasheet
106Kb / 4P
   Miniature Trimmer Single-Turn Cermet
Revision: 21-Jun-06
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
   7 mm Diameter Miniature Single-Turn Cermet Trimmer
01-Jan-2022
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com