Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS18S20-PAR Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS18S20-PAR
Description  1-Wire짰 Parasite-Power Digital Thermometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18S20-PAR Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS18S20-PAR Datasheet HTML 1Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 2Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 3Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 4Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 5Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 6Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 7Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 8Page - Dallas Semiconductor DS18S20-PAR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS18S20-PAR
3 of 20
PARASITE POWER
The DS18S20-PAR’s parasite power circuit allows the DS18S20-PAR to operate without a local external
power supply. This ability is especially useful for applications that require remote temperature sensing or
that are very space constrained. Figure 1 shows the DS18S20-PAR’s parasite-power control circuitry,
which “steals” power from the 1-wire bus via the DQ pin when the bus is high. The stolen charge powers
the DS18S20-PAR while the bus is high, and some of the charge is stored on the parasite power capacitor
(CPP) to provide power when the bus is low.
The 1-wire bus and CPP can provide sufficient parasite power to the DS18S20-PAR for most operations as
long as the specified timing and voltage requirements are met (refer to the DC ELECTRICAL
CHARACTERISTICS and the AC ELECTRICAL CHARACTERISTICS sections of this data sheet).
However, when the DS18S20-PAR is performing temperature conversions or copying data from the
scratchpad memory to EEPROM, the operating current can be as high as 1.5 mA. This current can cause
an unacceptable voltage drop across the weak 1-wire pullup resistor and is more current than can be
supplied by CPP. To assure that the DS18S20-PAR has sufficient supply current, it is necessary to
provide a strong pullup on the 1-wire bus whenever temperature conversions are taking place or data is
being copied from the scratchpad to EEPROM. This can be accomplished by using a MOSFET to pull
the bus directly to the rail as shown in Figure 2. The 1-wire bus must be switched to the strong pullup
within 10
µs (max) after a Convert T [44h] or Copy Scratchpad [48h] command is issued, and the bus
must be held high by the pullup for the duration of the conversion (tconv) or data transfer (twr = 10 ms).
No other activity can take place on the 1-wire bus while the pullup is enabled.
SUPPLYING THE DS18S20-PAR DURING TEMPERATURE CONVERSIONS
Figure 2
OPERATION – MEASURING TEMPERATURE
The core functionality of the DS18S20-PAR is its direct-to-digital temperature sensor. The temperature
sensor output has 9-bit resolution, which corresponds to 0.5
°C steps. The DS18S20-PAR powers-up in a
low-power idle state; to initiate a temperature measurement and A-to-D conversion, the master must issue
a Convert T [44h] command. Following the conversion, the resulting thermal data is stored in the 2-byte
temperature register in the scratchpad memory and the DS18S20-PAR returns to its idle state. The
DS18S20-PAR output data is calibrated in degrees centigrade; for Fahrenheit applications, a lookup table
or conversion routine must be used. The temperature data is stored as a 16-bit sign-extended two’s
complement number in the temperature register (see Figure 3).
The sign bits (S) indicate if the
temperature is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. Table 2
gives examples of digital output data and the corresponding temperature reading.
Resolutions greater than 9 bits can be calculated using the data from the temperature, COUNT REMAIN
and COUNT PER °C registers in the scratchpad. Note that the COUNT PER °C register is hard-wired to
VPU
VPU
4.7K
1-Wire Bus
Micro-
processor
DS18S20-PAR
GND
DQ
To Other
1-Wire Devices


Similar Part No. - DS18S20-PAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
More results

Similar Description - DS18S20-PAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
   1-Wire Parasite-Power Digital Thermometer
101207
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com