Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVXC4245MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVXC4245MTR
Description  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXC4245MTR Datasheet(HTML) 1 Page - STMicroelectronics

  74LVXC4245MTR Datasheet HTML 1Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 2Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 3Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 4Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 5Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 6Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 7Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 8Page - STMicroelectronics 74LVXC4245MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
August 2004
s
HIGH SPEED:
tPD = 6.5ns (MAX.) at
VCCA = 5.0V, VCCB = 5.0V
s
LOW POWER DISSIPATION:
ICCA = ICCB = 5µA(MAX.) at TA=25°C
s
LOW NOISE: VOLP =0.3V (TYP.) at
VCCA=5.0V VCCB =3.3V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCCA(OPR)= 4.5Vto 5.5V(1.2VData Retention)
VCCB(OPR)= 2.7Vto 5.5V(1.2VData Retention)
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES C4245
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The
74LVXC4245
is
a
dual
supply
8
bit
configurable low voltage CMOS OCTAL BUS
TRANSCEIVER fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. Designed for use as an interface
between a 5V bus and a 3.3V to 5V bus in a mixed
5V/3.3V supply systems, it achieves high speed
operation while maintaining the CMOS low power
dissipation.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
DIR input. The enable input G can be used to
disable the device so that the buses are effectively
isolated.
The A-port interfaces with the 5V bus, the B-port
with the 3.3V to 5V bus.
All inputs are equipped with protection circuits
against static discharge, giving them 2KV ESD
immunity and transient excess voltage.
74LVXC4245
OCTAL DUAL SUPPLY BUS TRANSCEIVER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVXC4245MTR
TSSOP
74LVXC4245TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74LVXC4245MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVXC4245MTR STMICROELECTRONICS-74LVXC4245MTR Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results

Similar Description - 74LVXC4245MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com