Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN09006 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN09006
Description  90MHz SAW Filter 24MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09006 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN09006 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09006 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09006 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09006
Rev. Date
2008-10-20
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
90MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN09006
Typical Performance
Frequency Respond
Passband Respond
40
60
80
100
120
140
-111.6407
-101.6407
-91.6407
-81.6407
-71.6407
-61.6407
-51.6407
-41.6407
-31.6407
-21.6407
-11.6407
Type Performance
Frequency(MHz)
65
70
75
80
85
90
95
100
105
110
115
-24.1407
-23.6407
-23.1407
-22.6407
-22.1407
-21.6407
-21.1407
-20.6407
-20.1407
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12MHz)
Phase Linearity(f0±12MHz)
70
75
80
85
90
95
100
105
110
1400
1450
1500
1550
1600
1650
1700
1750
1800
X: 90
Y: 1611
Type Performance
Frequency(MHz)
X: 102
Y: 1592
X: 78
Y: 1604
70
75
80
85
90
95
100
105
110
-100
-80
-60
-40
-20
0
20
40
60
80
X: 102
Y: 6.733
Type Performance
Frequency(MHz)
X: 90
Y: -1.872
X: 78
Y: -0.7377
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: 5MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN09006

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09006 SIPAT-LBN09006 Datasheet
150Kb / 3P
   90MHz SAW Filter
LBN09006 SIPAT-LBN09006_08 Datasheet
150Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBN09006

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09023 SIPAT-LBN09023 Datasheet
187Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09025 SIPAT-LBN09025 Datasheet
192Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09017 SIPAT-LBN09017 Datasheet
138Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09006 SIPAT-LBN09006_08 Datasheet
150Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09009 SIPAT-LBN09009 Datasheet
137Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09003 SIPAT-LBN09003 Datasheet
137Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09008 SIPAT-LBN09008 Datasheet
136Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09010 SIPAT-LBN09010 Datasheet
138Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09025 SIPAT-LBN09025 Datasheet
192Kb / 3P
   90MHz SAW Filter 24MHz Bandwidth
LBN09019 SIPAT-LBN09019 Datasheet
146Kb / 4P
   90MHz IF SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com