Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD2933 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2933 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2933 Datasheet HTML 1Page - STMicroelectronics SD2933 Datasheet HTML 2Page - STMicroelectronics SD2933 Datasheet HTML 3Page - STMicroelectronics SD2933 Datasheet HTML 4Page - STMicroelectronics SD2933 Datasheet HTML 5Page - STMicroelectronics SD2933 Datasheet HTML 6Page - STMicroelectronics SD2933 Datasheet HTML 7Page - STMicroelectronics SD2933 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SD2933
2/8
ELECTRICAL SPECIFICATION(TCASE =25 0C)
STATIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS =0 V
IDS =200 mA
125
V
IDSS
VGS =0 V
VDS =50 V
10
mA
IGSS
VGS =20 V
VDS =0 V
10
µA
VGS(Q)
VDS =10 V
ID =250 mA
25
V
VDS(ON)
VGS =10 V
ID =10 A
3V
gFS
VDS =10 V
ID =10 A
10
mho
CISS
VGS =0 V
VDS =50 V
f = 1 MHz
1000
pF
COSS
VGS =0 V
VDS = 50 V
f = 1 MHz
372
pF
CRSS
VGS =0 V
VDS =50 V
f = 1 MHz
29
pF
REF. 7170198B
Frequency
ZIN (Ω)ZDL (Ω)
30 MHz
1.8 - j 0.2
2.8 + j 2.3
108 MHz
1.9 + j 0.2
1.6 + j 1.4
150 MHz
1.9 + j 0.3
1.5 + j 1.6
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
f = 30 MHz
VDD =50 V
IDQ = 250 mA
300
400
W
GPS
f = 30 MHz
VDD =50 V
POUT = 300 W
IDQ = 250 mA
20
23.5
dB
ηD
f = 30 MHz
VDD =50 V
POUT = 300 W
IDQ = 250 mA
50
65
%
Load
Mismatch
f = 30 MHz
VDD =50 V
POUT = 300 W
IDQ = 250 mA
All Phase Angles
3:1
VSWR
IMPEDANCE DATA


Similar Part No. - SD2933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2933 ETC1-SD2933 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
More results

Similar Description - SD2933

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com