Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN07905 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN07905
Description  78.75MHz SAW Filter 12MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07905 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN07905 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07905 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07905 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07905
Rev. Date
2007-10-24
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
78.75MHz SAW Filter
12MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN07905
Typical Performance
Frequency Respond
Passband Respond
55
60
65
70
75
80
85
90
95
100
-113.4296
-103.4296
-93.4296
-83.4296
-73.4296
-63.4296
-53.4296
-43.4296
-33.4296
-23.4296
-13.4296
Type Performance
Frequency(MHz)
70
72
74
76
78
80
82
84
86
88
-25.4296
-24.9296
-24.4296
-23.9296
-23.4296
-22.9296
-22.4296
-21.9296
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±5.5MHz)
Phase Linearity(f0±5.5MHz)
70
72
74
76
78
80
82
84
86
88
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
X: 78.75
Y: 3844
Type Performance
Frequency(MHz)
X: 73.25
Y: 3795
X: 84.25
Y: 3837
70
72
74
76
78
80
82
84
86
88
-40
-30
-20
-10
0
10
20
X: 84.25
Y: -0.1709
Type Performance
Frequency(MHz)
X: 73.25
Y: -8.052
X: 78.75
Y: -5.249
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN07905

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07905 SIPAT-LBN07905 Datasheet
193Kb / 3P
   78.75MHz SAW Filter
More results

Similar Description - LBN07905

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A45 SIPAT-LBN70A45 Datasheet
189Kb / 3P
   70MHz SAW Filter 12MHz Bandwidth
LBN140A03 SIPAT-LBN140A03 Datasheet
148Kb / 3P
   140MHz SAW Filter 12MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
   115MHz SAW Filter 12MHz Bandwidth
LBT87503 SIPAT-LBT87503 Datasheet
187Kb / 3P
   875MHz SAW Filter 12MHz Bandwidth
LBN12003 SIPAT-LBN12003_10 Datasheet
144Kb / 3P
   120MHz SAW Filter 12MHz Bandwidth
LBT83003 SIPAT-LBT83003 Datasheet
185Kb / 3P
   830MHz SAW Filter 12MHz Bandwidth
LBN12003 SIPAT-LBN12003 Datasheet
144Kb / 3P
   120MHz SAW Filter 12MHz Bandwidth
LBN12406 SIPAT-LBN12406 Datasheet
178Kb / 3P
   123.5MHz SAW Filter 12MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
144Kb / 3P
   115MHz SAW Filter 12MHz Bandwidth
LBN140A37 SIPAT-LBN140A37 Datasheet
195Kb / 3P
   140MHz SAW Filter 12MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com