Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1320WI-30GT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT1320WI-30GT3
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1320WI-30GT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT1320WI-30GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT1320WI-30GT3 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Advance Information
CAT1640, CAT1641
Doc No. MD-3012, Rev. B
ACKNOWLEDGE
After a successful data transfer, each receiving device
is required to generate an acknowledge. The
acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8 bits
of data.
The CAT1640/41 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation,
it responds with an acknowledge after receiving each 8-
bit byte.
When the CAT1640/41 begins a READ mode it transmits
8 bits of data, releases the SDA line and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT1640/41 will continue to transmit
data. If no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information (with
the R/
W bit set to zero) to the Slave device. After the Slave
generates an acknowledge, the Master sends two 8-bit
address bytes that are to be written into the address
pointers of the device. After receiving another acknowledge
from the Slave, the Master device transmits the data to be
written into the addressed memory location. The CAT1640/
41 acknowledges once more and the Master generates
the STOP condition. At this time, the device begins an
internal programming cycle to non-volatile memory. While
the cycle is in progress, the device will not respond to any
request from the Master device.
Figure 7. Slave Address Bits
CAT
Default Configuration
1010
A2
A1
A0
R/W
START BIT
SDA
STOP BIT
SCL
Figure 5. Start/Stop Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 6. Acknowledge Timing


Similar Part No. - CAT1320WI-30GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1320WI-30GT3 CATALYST-CAT1320WI-30GT3 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
More results

Similar Description - CAT1320WI-30GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com