Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1025YI-28-GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT1025YI-28-GT3
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1025YI-28-GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT1025YI-28-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1025YI-28-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CAT1024, CAT1025
Doc. No. MD-3008 Rev. O
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
ºC
Storage Temperature
–65 to +150
ºC
Voltage on any Pin with Respect to Ground
(2)
–2.0 to VCC + 2.0
V
VCC with Respect to Ground
–2.0 to 7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 secs)
300
ºC
Output Short Circuit Current
(3)
100
mA
D.C. OPERATING CHARACTERISTICS
VCC = 2.7V to 5.5V and over the recommended temperature conditions unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ILI
Input Leakage Current
VIN = GND to VCC
-2
10
µA
ILO
Output Leakage Current
VIN = GND to VCC
-10
10
µA
ICC1
Power Supply Current (Write)
fSCL = 400kHz
VCC = 5.5V
3
mA
ICC2
Power Supply Current (Read)
fSCL = 400kHz
VCC = 5.5V
1
mA
ISB
Standby Current
Vcc = 5.5V,
VIN = GND or VCC
40
µA
VIL
(4)
Input Low Voltage
-0.5
0.3 x VCC
V
VIH
(4)
Input High Voltage
0.7 x Vcc
VCC + 0.5
V
VOL
Output Low Voltage
(SDA, RESET
¯¯¯¯¯¯)
IOL = 3mA
VCC = 2.7V
0.4
V
VOH
Output High Voltage
(RESET)
IOH = -0.4mA
VCC = 2.7V
VCC - 0.75
V
CAT102x-45
(VCC = 5.0V)
4.50
4.75
V
CAT102x-42
(VCC = 5.0V)
4.25
4.50
CAT102x-30
(VCC = 3.3V)
3.00
3.15
CAT102x-28
(VCC = 3.3V)
2.85
3.00
VTH
Reset Threshold
CAT102x-25
(VCC = 3.0V)
2.55
2.70
VRVALID
Reset Output Valid VCC Voltage
1.00
V
VRT
(5)
Reset Threshold Hysteresis
15
mV
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(3) Output shorted for no more than one second. No more than one output shorted at a time.
(4) VIL min and VIH max are reference values only and are not tested.
(5) This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested.


Similar Part No. - CAT1025YI-28-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1025YI-28-GT3 CATALYST-CAT1025YI-28-GT3 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025YI-28-GT3 ONSEMI-CAT1025YI-28-GT3 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025YI-28-GT3 ONSEMI-CAT1025YI-28-GT3 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025YI-28-GT3 ONSEMI-CAT1025YI-28-GT3 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025YI-28-GT3 ONSEMI-CAT1025YI-28-GT3 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results

Similar Description - CAT1025YI-28-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024_07 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WE-30 ONSEMI-CAT1025WE-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI30 ONSEMI-CAT1025WI30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com