Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S66-WDW6P Datasheet(PDF) 10 Page - STMicroelectronics

Part # M93S66-WDW6P
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-WDW6P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M93S66-WDW6P Datasheet HTML 6Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 7Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 8Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 9Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 10Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 11Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 12Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 13Page - STMicroelectronics M93S66-WDW6P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
M93S66, M93S56, M93S46
10/34
Figure 5. PAWRITE and WRAL Sequence
Note: For the meanings of An, Xn and Dn, please see Table 2. and Table 3..
Page Write
A Page Write to Memory (PAWRITE) instruction
contains the first address to be written, followed by
up to 4 data words.
After the receipt of each data word, bits A1-A0 of
the internal address register are incremented, the
high order bits remaining unchanged (A7-A2 for
M93S66, M93S56; A5-A2 for M93S46). Users
must take care, in the software, to ensure that the
last word address has the same upper order ad-
dress bits as the initial address transmitted to
avoid address roll-over.
The Page Write to Memory (PAWRITE) instruction
will not be executed if any of the 4 words address-
es the protected area.
Write Enable (W) must be held High before and
during the instruction. Input address and data, on
Serial Data Input (D) are sampled on the rising
edge of Serial Clock (C).
After the last data bit has been sampled, the Chip
Select Input (S) must be taken Low before the next
rising edge of Serial Clock (C). If Chip Select Input
(S) is brought Low before or after this specific time
frame, the self-timed programming cycle will not
AI00890C
S
PAGE
WRITE
1 1An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
CHECK
STATUS
ADDR
PRE
W
S
WRITE
ALL
1 0Xn X0
DATA IN
D
Q
OP
CODE
Dn
D0
0
BUSY
READY
CHECK
STATUS
ADDR
PRE
W
01


Similar Part No. - M93S66-WDW6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-W STMICROELECTRONICS-M93S66-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
More results

Similar Description - M93S66-WDW6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com