Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD-880-C Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD-880-C
Description  HIGH-POWER GaAlAs IR EMITTER CHIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-880-C Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-880-C Datasheet HTML 1Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-POWERGaAlAsIREMITTERCHIPS
OD-880-C
FEATURES
• High reliability LPE GaAlAs IRLED chips
• Graded-bandgap LED structure for high radiant power
output
• 880nm peak emission
• Good ohmic contacts (gold alloys)
• Good bondability
All dimensions are nominal values in inches unless
otherwise specified.
.014
.014
N
P
.005
.003
GOLD
CONTACTS
EMITTING
SURFACE
.006
Peak Emission Wavelength, P
Spectral Bandwidth at 50%,
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Fall Time
IF = 100mA
IR = 10 A
VR = 0V
5
880
80
1.55
30
17
0.5
0.5
1.9
nm
nm
Volts
Volts
pF
sec
sec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IF = 100mA
IF = 20mA
Total Power Output, Po
mW
8
14
2
Power Dissipation
Continuous Forward Current
Peak Forward Current (10 s, 300 Hz)
Reverse Voltage
Storage and Operating Temperature Range
Maximum Junction Temperature
190mW
100mA
3A
5V
-65°C to 150°C
150°C
ABSOLUTE MAXIMUM RATINGS AT 25°C
The exact performance data depends on your package configuration and technique. Data listed in this specification is
for the chip mounted on a TO-46 header using silver epoxy as the die attach material. All sales are final after 60 days
from the shipment date. Opto Diode must be notified of any discrepancies within this period.
IF = 50mA
RoHS


Similar Part No. - OD-880-C

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-880 OPTODIODE-OD-880 Datasheet
374Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-880E OPTODIODE-OD-880E Datasheet
370Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-880F OPTODIODE-OD-880F Datasheet
374Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-880F OPTODIODE-OD-880F Datasheet
261Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-880FHT OPTODIODE-OD-880FHT Datasheet
391Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
More results

Similar Description - OD-880-C

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-148-C OPTODIODE-OD-148-C Datasheet
267Kb / 1P
   HIGH-POWER GaAlAs IR EMITTER CHIPS
OD-24X24-C OPTODIODE-OD-24X24-C Datasheet
266Kb / 1P
   HIGH-POWER GaAlAs EMITTER CHIPS
logo
Siemens Semiconductor G...
SFH483 SIEMENS-SFH483 Datasheet
34Kb / 5P
   GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
SFH4591 SIEMENS-SFH4591 Datasheet
50Kb / 5P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH4590 SIEMENS-SFH4590 Datasheet
58Kb / 6P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
logo
OptoDiode Corp
OD-880W OPTODIODE-OD-880W Datasheet
397Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-850F OPTODIODE-OD-850F_18 Datasheet
169Kb / 4P
   High-Power GaAlAs IR Emitters
OD880W OPTODIODE-OD880W Datasheet
261Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
logo
List of Unclassifed Man...
OD-880L ETC2-OD-880L Datasheet
94Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
logo
OptoDiode Corp
OD-148W OPTODIODE-OD-148W Datasheet
371Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com