Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78630DCQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78630DCQR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78630DCQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS78630DCQR Datasheet HTML 1Page - Texas Instruments TPS78630DCQR Datasheet HTML 2Page - Texas Instruments TPS78630DCQR Datasheet HTML 3Page - Texas Instruments TPS78630DCQR Datasheet HTML 4Page - Texas Instruments TPS78630DCQR Datasheet HTML 5Page - Texas Instruments TPS78630DCQR Datasheet HTML 6Page - Texas Instruments TPS78630DCQR Datasheet HTML 7Page - Texas Instruments TPS78630DCQR Datasheet HTML 8Page - Texas Instruments TPS78630DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
5
6
GND
DCQ PACKAGE
SOT223-6
(TOP VIEW)
NR/FB
OUT
GND
IN
EN
1
KTT PACKAGE
DDPAK-5
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUT
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
TPS78630
RIPPLE REJECTION
vs
FREQUENCY
IOUT = 1.5 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
TPS78630
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
NR/FB
TAB
GND
TPS786xx
SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A
LOW-DROPOUT LINEAR REGULATORS
• 1.5-A Low-Dropout Regulator With Enable
The
TPS786xx
family
of
low-dropout
(LDO)
low-power linear voltage regulators features high
• Available in Fixed and Adjustable (1.2-V to
power-supply rejection ratio (PSRR), ultralow noise,
5.5-V) Output Versions
fast start-up, and excellent line and load transient
• High PSRR (49 dB at 10 kHz)
responses in small outline, SOT223-6 and DDPAK-5
• Ultralow Noise (48 µV
RMS, TPS78630)
packages. Each device in the family is stable, with a
small 1-
µF ceramic capacitor on the output. The
• Fast Start-Up Time (50 µs)
family uses an advanced,
proprietary
BiCMOS
• Stable With a 1-µF Ceramic Capacitor
fabrication process to yield extremely low dropout
• Excellent Load/Line Transient Response
voltages (for example, 390 mV at 1.5 A). Each
device achieves fast start-up times (approximately 50
• Very Low Dropout Voltage (390 mV at Full
µs with a 0.001 µF bypass capacitor) while
Load, TPS78630)
consuming very low quiescent current (265
µA,
• 6-Pin SOT223 and 5-Pin DDPAK Package
typical). Moreover, when the device is placed in
standby mode, the supply current is reduced to less
than 1
µA. The TPS78630 exhibits approximately 48
• RF: VCOs, Receivers, ADCs
µV
RMS of output voltage at 3.0 V output noise with a
0.1
µF bypass capacitor. Applications with analog
• Audio
components that are noise sensitive, such as
• Bluetooth®, Wireless LAN
portable RF electronics, benefit from the high PSRR,
• Cellular and Cordless Telephones
low noise features, and the fast response time.
• Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS78630DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78630DCQR TI-TPS78630DCQR Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78630DCQR TI1-TPS78630DCQR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78630DCQR TI1-TPS78630DCQR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78630DCQRG4 TI1-TPS78630DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78630DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com