Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78628KTTTG3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS78628KTTTG3
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78628KTTTG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS78628KTTTG3 Datasheet HTML 2Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 3Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 4Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS78628KTTTG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 10 µF
CNR = 0.1 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 2.2 µF
CNR = 0.01 µF
10
100
100k
1M
0
10
20
30
40
50
60
70
80
f (Hz)
1
10k
10M
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 4 V
COUT = 2.2 µF
CNR = 0.1 µF
10
100
100k
1M
5
4
2
−30
−60
3
0
30
60
t (
µs)
60
40
20
0
80 100 120 140 160 180 200
IOUT = 1.5 A
COUT = 10 µF
CNR = 0.01 µF
dv
dt
+
1 V
ms
t
(µs)
6
5
3
−40
−80
4
0
40
80
60
40
20
0
80 100 120 140 160 180 200
IOUT = 1.5 A
COUT = 10 µF
CNR = 0.01 µF
dv
dt
+
1 V
ms
t (
µs)
2
1
−1
−75
−150
0
0
75
150
300
200
100
0
400 500 600 700 800 900 1000
VIN = 3.8 V
COUT = 10 µF
CNR = 0.01 µF
di
dt
+
1.5 A
ms
Time (
µs)
4.0
3.5
2.5
0.5
0
3.0
1.0
1.5
2.0
400
0
800
1200
1600
2000
VOUT = 2.5 V
RL = 1.6 Ω
CNR = 0.01 µF
VIN
VOUT
0
100
200
300
400
500
600
0
200
400
600
800 1000 1200 1400
IOUT (mA)
TJ = 125°C
TJ = −40°C
TJ = 25°C
0
50
100
150
200
250
300
350
400
450
500
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
TJ = 125°C
TJ = −40°C
TJ = 25°C
IOUT = 1.5 A
COUT = 10 µF
CNR = 0.01 µF
TPS786xx
SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
TPS78630
TPS78630
TPS78630
RIPPLE REJECTION
RIPPLE REJECTION
RIPPLE REJECTION
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 10.
Figure 11.
Figure 12.
TPS78618
TPS78630
TPS78628
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 13.
Figure 14.
Figure 15.
TPS78625
TPS78630
TPS78601
POWER UP/
DROPOUT VOLTAGE
DROPOUT VOLTAGE
POWER DOWN
vs OUTPUT CURRENT
vs INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
6
Submit Documentation Feedback


Similar Part No. - TPS78628KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78628KTTTG3 TI1-TPS78628KTTTG3 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78628KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com