Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT823STDI-G Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT823STDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT823STDI-G Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT823STDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 9Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 10Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 11Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 12Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 13Page - Catalyst Semiconductor CAT823STDI-G Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT823, CAT824, CAT825
Doc. No. MD-3027 Rev. B
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPLICATION NOTES
µP’s with Bidirectional Reset Pins
The RESET
¯¯¯¯¯¯ output can be pulled low by processors
like the 68HC11 allowing for a system reset issued by
the processor. The maximum pullup current that can
be sourced by the CAT82_L/M is 1.5mA (and by the
CAT82_T/R/S/Z/Y is 800µA) allowing the processor to
pull the output low even when the CAT82x is pulling it
high.
Power Transients
Generally short duration negative-going transients of
less than 2µs on the power supply at VRST minimum
will not cause a reset condition. However the lower
the voltage of the transient the shorter the required
time to cause a reset output.
These issues can
usually be remedied by the proper location of bypass
capacitance on the circuit board.
OUTPUT VALID CONDITIONS
The RESET
¯¯¯¯¯¯ output uses a push-pull output which can
maintain a valid output down to a VCC of 1.0 volts. To
sink current below 0.8V a resistor can be connected
from RESET
¯¯¯¯¯¯ to Ground (see Figure 8.)
This
arrangement will maintain a valid value on the RESET
¯¯¯¯¯¯
output during both power up and down but will draw
current when the RESET
¯¯¯¯¯¯ output is in the high state. A
resistor value of about 100kΩ should be adequate in
most situations to maintain a low condition valid
output down to VCC equal to 0V.
Figure 8. RESET
¯¯¯¯¯¯ Valid to 0 Volts VCC
100kΩ
CAT823
VCC
GND
WDI
MR
µC
RESET
RESET


Similar Part No. - CAT823STDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823STDI-G CATALYST-CAT823STDI-G Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823STDI-GT3 ONSEMI-CAT823STDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT823STDI-GT3 ONSEMI-CAT823STDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT823STDI-GT3 ONSEMI-CAT823STDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT823STDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com