Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR065C561FAA Datasheet(PDF) 1 Page - AVX Corporation

Part # MR065C561FAA
Description  Radial Leads/Ceralam
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MR065C561FAA Datasheet(HTML) 1 Page - AVX Corporation

  MR065C561FAA Datasheet HTML 1Page - AVX Corporation MR065C561FAA Datasheet HTML 2Page - AVX Corporation MR065C561FAA Datasheet HTML 3Page - AVX Corporation MR065C561FAA Datasheet HTML 4Page - AVX Corporation MR065C561FAA Datasheet HTML 5Page - AVX Corporation MR065C561FAA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
20
1.14 (.045)
Max.
W
W
L
L
T
T
L.D.
L.D.
L.S.
L.S.
31.7 (1.25)
Min.
31.7 (1.25)
Min.
Style MR05
Styles MR04, MR06,
MR07, MR08
Dimensions: Millimeters (Inches)
HOW TO ORDER
AVX Styles: MR04, MR05, MR06, MR07, MR08
Part Number Example:
MR05
1
A
56
1
J
A
A
AVX Style
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
1
Failure Rate
Leads
GENERAL INFORMATION
AVX MR Series
Molded Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, Z5U
50, 100, 200 Volts
Case Material: Molded Epoxy
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros.
For example, order 560 pF as 561. (For values below 10pF,
use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): D = ±.5pF (<10 pF only), F = ±1.0% (>50 pF only),
G = ±2.0% (>25 pF only), J = ±5%, K = ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: A = Standard Solderable
T1 = Trimmed Leads, .230" ± .030"
1
Trimmed lead length for the MR05 style will be
measured from the bend in the lead (seating plane).
MARKING
Marking is as size permits.
(For code identification, see HOW TO ORDER section.)
— AVX
— Capacitance Tolerance
— Voltage Rating
— Temperature Coefficient
— Date Code
— Lot Code
PACKAGING REQUIREMENTS
Bulk Packaging: 1000 pcs. per sealed package except
MR07/MR08 (300 pcs.).
Tape and Reel: Available on MR04, MR05, and MR06
only (2500 pcs./reel).
Ammo Packaging: Available on special request.
Radial Leads/Ceralam®


Similar Part No. - MR065C561FAA

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
   Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
MR0611S-05RU MPD-MR0611S-05RU Datasheet
1Mb / 4P
   Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
MR0611S-12RU MPD-MR0611S-12RU Datasheet
1Mb / 4P
   Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
WALSIN TECHNOLOGY CORPO...
MR06W472-FBL WALSIN-MR06W472-FBL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR06W472-FDL WALSIN-MR06W472-FDL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
More results

Similar Description - MR065C561FAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
   RADIAL LEADS INDUCTORS
logo
AVX Corporation
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com