Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063AQDRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063AQDRQ1
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33063AQDRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MC33063AQDRQ1 Datasheet HTML 6Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 7Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 8Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 9Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 10Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 11Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 12Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 13Page - Texas Instruments MC33063AQDRQ1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC33063AQ1
1.5A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
SLLS654A – APRIL 2005 – REVISED JANUARY 2007
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
8
7
6
1
2
8
7
6
1
2
VIN
VOUT
VIN
VOUT
6a. External npn Switch
6b. External pnp Saturated Switch
Figure 11. External Current-Boost Connections for IC Peak Greater Than 1.5 A


Similar Part No. - MC33063AQDRQ1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
logo
Texas Instruments
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Motorola, Inc
MC33063A MOTOROLA-MC33063A Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

Similar Description - MC33063AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com