Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2222580198 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2222580198
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2222580198 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 2222580198 Datasheet HTML 2Page - NXP Semiconductors 2222580198 Datasheet HTML 3Page - NXP Semiconductors 2222580198 Datasheet HTML 4Page - NXP Semiconductors 2222580198 Datasheet HTML 5Page - NXP Semiconductors 2222580198 Datasheet HTML 6Page - NXP Semiconductors 2222580198 Datasheet HTML 7Page - NXP Semiconductors 2222580198 Datasheet HTML 8Page - NXP Semiconductors 2222580198 Datasheet HTML 9Page - NXP Semiconductors 2222580198 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
6
www.yageo.com
handbook, full pagewidth
2 2 X X
X X X
X 9 X X X
Carrier type
22
38
54
blister
paper
bulk
Rated voltage - Termination
78
91
58
16 V; NiSn
25 V; NiSn
50 V; NiSn
Size
7
6
0
1
2
0402
0603
0805
1206
1210
Capacitance value(1)
Tolerance
7
8
±20%
−20/+80%
Packaging(2)
1
5
4
reel:
∅180 mm; 7"
reel:
∅330 mm; 13"
bulk case
CCA620_a
(1)
Refer to chapters “Selection chart for 16 V and 25 V” and “Selection chart for 50 V”.
(2)
Quantity on reel depends on thickness classification, see section “Thickness classification and packing quantities”.
ORDERING INFORMATION
Components may be ordered by using either a Phycomp’s unique 12NC or simple 15-digit clear text code.
Ordering code 12NC (preferred)
Phycomp Clear text code
EXAMPLE: 12062F105M8BB0D
Size
Code
Temp.
Char.
Capacitance
Tol.
Vol.
Termination
Packing
Marking
Series
0402
0603
0805
1206
1210
2F = Y5V 105 = 1000000
pF; the third digit
signifies the
multiplying factor:
2 = × 100
3 = × 1000
4 = × 10 000
5 = × 100 000
6 = × 1 000 000
M =
±20%
Z =
20% /+80%
7 = 16 V
8 = 25 V
9 = 50 V
B = NiSn
2 = 180 mm; 7" paper
3 = 330 mm; 13" paper
B = 180 mm; 7" blister
F = 330 mm; 13" blister
P = bulk case
0 = no marking
D = BME


Similar Part No. - 2222580198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2222 ETC1-2222 Datasheet
32Kb / 1P
   high Current Toroid Inductors
2222 ETC2-2222 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
NXP Semiconductors
2222-150-95102 NXP-2222-150-95102 Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
Bourns Electronic Solut...
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-RC BOURNS-2222-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2222580198

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com