Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HCT240 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT240
Description  High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HCT240 Datasheet HTML 3Page - Texas Instruments CD54HCT240 Datasheet HTML 4Page - Texas Instruments CD54HCT240 Datasheet HTML 5Page - Texas Instruments CD54HCT240 Datasheet HTML 6Page - Texas Instruments CD54HCT240 Datasheet HTML 7Page - Texas Instruments CD54HCT240 Datasheet HTML 8Page - Texas Instruments CD54HCT240 Datasheet HTML 9Page - Texas Instruments CD54HCT240 Datasheet HTML 10Page - Texas Instruments CD54HCT240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 5. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
Test Circuits and Waveforms (Continued)
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54/74HC240, CD54/74HCT240, CD74HC241, CD54/74HCT241, CD54/74HC244, CD54/74HCT244


Similar Part No. - CD54HCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT240 TI-CD54HCT240 Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HCT240 TI-CD54HCT240 Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HCT240F3A TI-CD54HCT240F3A Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HCT240F3A TI-CD54HCT240F3A Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results

Similar Description - CD54HCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HC240 TI-CD74HC240 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC540 TI-CD54HC540 Datasheet
467Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HCT541 TI-CD54HCT541 Datasheet
319Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC540 TI-CD54HC540_08 Datasheet
497Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC125 TI-CD74HC125 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com