Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436664X24V Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V436664X24V
Description  512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436664X24V Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V436664X24V Datasheet HTML 1Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 2Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 3Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 4Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 5Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 6Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 7Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 8Page - Mosel Vitelic, Corp V436664X24V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MOSEL VITELIC
V436664X24V
5
V436664X24V Rev. 1.0 January 2002
Block Diagram
Serial Presence Detect Information
A serial presence detect storage device - E2PROM -
is assembled onto the module. Information about the
module configuration, speed, etc. is written into the
E2PROM device during module production using a se-
rial presence detect protocol (I2C synchronous 2-wire
bus)
SPD-Table for modules:
Byte Num-
ber
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC
0
Number of SPD bytes
128
80
80
80
1
Total bytes in Serial PD
256
08
08
08
2
Memory Type
SDRAM
040404
3
Number of Row Addresses (without BS bits)
13
0D
0D
0D
4
Number of Column Addresses ( x8 SDRAM)
11
0B
0B
0B
5
Number of DIMM Banks
1
01
01
01
6
Module Data Width
64
40
40
40
7
Module Data Width (continued)
0
00
00
00
8
Module Interface Levels
LVTTL
01
01
01
9
SDRAM Cycle Time at CL=3
7.5 ns/10.0 ns
75
75
A0
10
SDRAM Access Time from Clock at CL=3
5.4 ns/6.0ns
54
54
60
11
Dimm Config (Error Det/Corr.)
none
00
00
00
12
Refresh Rate/Type
Self-Refresh,15.6
µs
808080
13
SDRAM width, Primary
x4
04
04
04
14
Error Checking SDRAM Data Width
n/a /
00
00
00
15
Minimum Clock Delay from Back to Back Ran-
dom Column Address
tccd = 1 CLK
010101
16
Burst Length Supported
1, 2, 4 & 8
0F
0F
0F
17
Number of SDRAM Banks
4
04
04
04
18
Supported CAS Latencies
CL = 2 / 3
06
06
06
19
CS Latencies
CS Latency = 0
01
01
01
20
WE Latencies
WL = 0
010101
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
00
00
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
0E
0E
23
Minimum Clock Cycle Time at CAS Latency = 2
7.5 ns/10.0 ns
75
A0
A0
24
Maximum Data Access Time from Clock for CL
=2
5.4ns/6.0ns
54
60
60
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
00
00
26
Maximum Data Access Time from Clock at CL =
1
Not Supported
00
00
00
27
Minimum Row Precharge Time
15 ns / 20 ns
0F
14
14


Similar Part No. - V436664X24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-10PC MOSEL-V436664S24VXTG-10PC Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-75 MOSEL-V436664S24VXTG-75 Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664S24VXTG-75PC MOSEL-V436664S24VXTG-75PC Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
More results

Similar Description - V436664X24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
   128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
logo
Elpida Memory
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBD52UC8AKFA-5 ELPIDA-EBD52UC8AKFA-5 Datasheet
152Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBD52UC8AKFA-5-E ELPIDA-EBD52UC8AKFA-5-E Datasheet
190Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
logo
Mosel Vitelic, Corp
V826664G24S MOSEL-V826664G24S Datasheet
199Kb / 14P
   512 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 64M x 64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com