Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHAU-11A11-120 Datasheet(PDF) 4 Page - Tyco Electronics

Part # KHAU-11A11-120
Description  General Purpose Dry Circuit to 5A Multicontact AC or DC Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KHAU-11A11-120 Datasheet(HTML) 4 Page - Tyco Electronics

  KHAU-11A11-120 Datasheet HTML 1Page - Tyco Electronics KHAU-11A11-120 Datasheet HTML 2Page - Tyco Electronics KHAU-11A11-120 Datasheet HTML 3Page - Tyco Electronics KHAU-11A11-120 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All sockets are normally maintained in stock for immediate delivery.
For KHAU, KHAX, KHS Relays.
Relays wilth solder terminals are required for use with sockets.
Printed Circuit Terminals
With Grounding Lug
Caution: Printed circuit sockets are manufactured with
"floating" (Loose) terminals. This permits them to align
with holes in the circuit board and with the relay terminals.
During the mounting and soldering of the socket, vertical
float should be eliminated and the terminals seated on the
board. (This may be accomplished by inserting a dummy
relay in the socket.) Failure to eliminate float may cause
fracture of the solder joint or separation of the copper
conductor from the printed circuit board when a relay is
inserted in the socket after soldering.
.061
(1.55)
GROUND
LUG
.171
(4.34)
.218
± .016
(5.54
± 0.41)
.061
(1.55)
.171
(4.34)
.218
± .016
(5.54
± 0.41)
.25
(6.4)
1.388
(35.26)
.629
(15.98)
1.388
(35.26)
.090 R.
(2.29)
1.323
(33.60)
.617
(15.67)
1.750
(44.45) 1.015
(25.78)
.32
(8.1)
.090
(2.29)
.180
(4.57)
.16
(4.1)
.429
(10.90)
.065
(1.65)
.858
(21.79)
.13
(3.3)
Sockets For KHA And KHS Series
Mounting Strip 37D633
Pierced Solder Terminals
.105
(2.67)
GROUND
LUG
.052
± .010
(1.32
± 0.25)
.125
± .010
(3.18
± 0.25)
37D633 will mount eight solder terminal sockets
in one length of aluminum strip measuring 10.97" x 2.25" x .062
(278.6 x 57.15 x 1.57)
Screw Terminal Socket 27E166
Screw Terminal DIN Rail,
Relays with solder terminals are required for use
Snap-Mount Socket 27E894
with screw terminal sockets.
(Use with mounting track 24A110)
2.363 MAX.
(60.02)
.94
(23.88)
1.18
(30.0)
.47
(11.93)
.140 TYP.
(3.56)
.800 MAX.
(20.32)
.446 REF.
(11.33)
1.22 MAX.
(30.99)
.210 TYP.
(5.33)
# 4-40 SCREWS &
CAPTIVE WASHERS
.600
(15.24)
27E894
Terminal
Location
Top View
Hold Down
Spring 20C217
Without Grounding Lug
4-Pole Socket
8
7
6
5
4
3 2
1
12 11 10
9
14
G
13
27E166
Terminal
Location
.850
(21.59)
1.150
(29.21)
1.07
(2.72)
.310
(7.87)
.068
(1.73)
.183
(4.65)
.012
(0.30)
.440
(11.18)
Recommended Chassis Thickness
.031 (.79) to .062 (1.57)
Socket punch Greenlee part
5015115.0, Type 731R available
from Greenlee Tool Co.,
Rockford, Illinois. (4-pole)
1.015
(25.78)
.858
(21.79)
Recommended Chassis Cutouts
For Mounting Sockets
Socket Description
Industrial
No. of
Terminal
Grounding
Socket
Part No.
Poles
and Length
Provision
Material
27E006*
4
Solder .375"
Yes
Nylon
(9.53mm)
27E007*
4
P.C. .218"
Yes
Nylon
(5.54mm)
27E023*
4
P.C. .218"
No
Nylon
27E220*
2
(5.54mm)
27E166**
4
Screw
Yes
Glass-filled
Polyester
27E894**
4
Screw
No
Glass-filled
Polyester
20C217
Relay Hold Down Spring
20C297
Relay Hold Down Spring
(use with 27E166 &
27E894)
* UL Recognized, file E22575
** UL Recognized, file E59244
Specifications and availability subject to change without notice.
13C5420
Printed in U.S.A.
IH/3-00
1.181
(30.00)
.236
(5.99)
M3 SCREWS &
CAPTIVE WASHERS
.709
(18.01)
.165
(4.19)
1.771
(44.98)
2.441
(62.00)
1.024
(26.01)
.984
(24.99)
.118
(3.00)
.728
(18.49)
8 7
43
6 5
21
14
13
11 10
12
9
Top View
Tyco Electronics Corporation - P&B, Winston-Salem, NC 27102
Technical Support Center: 1-800-522-6752, www.pandbrelays.com


Similar Part No. - KHAU-11A11-120

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Pepperl+Fuchs Inc.
KHA6-SH-EX1 PF-KHA6-SH-EX1 Datasheet
1Mb / 5P
   Switch Amplifier
2021-12-20
More results

Similar Description - KHAU-11A11-120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
319Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com