Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOR17WG082JBA0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MOR17WG082JBA0
Description  Metal Oxide Film Fixed Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR17WG082JBA0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MOR17WG082JBA0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR17WG082JBA0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR17WG082JBA0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RoHS Compliant
Part No.
Type
Power
Rating At
70°C
Dimension (mm)
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Resistance
Range
D Max.
L Max.
d
+0.02
-0.05
H±3
Normal Size
MOR0W4
MOR-25
1/4W
2.5
7.5
0.6
28
250V
400V
250V
MOR0W2
MOR-50
1/2W
4
10
0.6
28
250V
400V
250V
MOR0IW
MOR-100
lW
5
12
0.7
28
350V
600V
350V
MOR02W
MOR-200
2W
5.5
16
0.8
28
350V
600V
350V
MOR03W
MOR-300
3W
6.5
17.5
0.8
28
500V
800V
500V
MOR05W
MOR-500
5W
8.5
26
0.8
38
750V
1000V
750V
MOR07W
MOR-700
7W
8.5
32
0.8
38
750V
1000V
750V
MOR08W
MOR-800
8W
8.5
41
0.8
38
750V
1000V
750V
MOR09W
MOR-900
9W
8.5
54
0.8
38
750V
I000V
750V
Small Size & Extra Small Size
MOR0S2
MOR-50-S
1/2W
3
7.5
0.6
28
250V
400V
250V
MOR01S
MOR-I00-S
1W
4.5
10
0.7
28
350V
600V
350V
MOR02S
MOR-200-S
2W
5
12
0.7
28
350V
600V
350V
MOR03S
MOR-300-S
3W
5.5
16
0.8
28
350V
600V
350V
MOR05U
MOR-500-SS
5W
6.5
17.5
0.8
28
500V
800V
500V
MOR05S
MOR-500-S
5W
8
25
0.8
38
500V
800V
500V
• Standard E-24 series values in ± 5% tolerance
• Standard Non – Flammable coating
• Non – Inductive type available on a case to case basis
Ambient temperature (°C)
Metal Oxide Film Fixed Resistors
Feature
• Excellent flame retardant coating
• Stable performance in diverse environments
• High purity ceramic core
• Meet EIA-RC2655A requirements
• High safety standard
Derating Curve
Heat Rise Chart
Specifications
UniOhm


Similar Part No. - MOR17WG082JBA0

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
MOR1W ABCO-MOR1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
More results

Similar Description - MOR17WG082JBA0

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
MORS1W ABCO-MORS1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com