Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN70A37 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN70A37
Description  70MHz SAW Filter 5MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A37 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN70A37 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A37 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A37 Datasheet HTML 3Page - SIPAT Co,Ltd LBN70A37 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A37
Rev. Date
2007-3-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
5MHz Bandwidth
Part Number: LBN70A37
Typical Performance
Frequency Respond
Passband Respond
55
60
65
70
75
80
85
-109.7941
-99.7941
-89.7941
-79.7941
-69.7941
-59.7941
-49.7941
-39.7941
-29.7941
-19.7941
-9.7941
Type Performance
Frequency(MHz)
3dB CF = 70.0471MHz
1dB = 5.0676MHz
3dB = 5.2441MHz
35dB = 5.8662MHz
40dB = 5.9037MHz
45dB = 5.9346MHz
50dB = 5.9592MHz
55dB = 5.9834MHz
Insert Loss = -19.7941dB
Passband Ripple = 0.85059dB
Ultimate Rejection = 51.3825dB
Group Delay = 181.4946ns
Phase Linearity = 5.1824deg
Delay = 4103.1061ns
Horizontal: 5MHz/Div
Vertical: 10dB/Div
64
66
68
70
72
74
76
-21.7941
-21.2941
-20.7941
-20.2941
-19.7941
-19.2941
-18.7941
-18.2941
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.5MHz)
Phase Linearity(f0±2.5MHz)
66
68
70
72
74
76
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
X: 70
Y: 4112
Type Performance
Frequency(MHz)
X: 67.49
Y: 4009
X: 72.51
Y: 4142
Horizontal: 2MHz/Div
Vertical: 100ns/Div
62
64
66
68
70
72
74
76
78
-15
-10
-5
0
5
10
15
X: 70
Y: -0.6078
Type Performance
Frequency(MHz)
X: 72.51
Y: 0.6852
X: 67.49
Y: 0.7293
Horizontal: 2MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN70A37

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A37 SIPAT-LBN70A37 Datasheet
180Kb / 4P
   70MHz SAW Filter
More results

Similar Description - LBN70A37

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030_10 Datasheet
149Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
149Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBN70A71 SIPAT-LBN70A71 Datasheet
196Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBN70A68 SIPAT-LBN70A68 Datasheet
187Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBN70A49 SIPAT-LBN70A49 Datasheet
187Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBN70A38 SIPAT-LBN70A38 Datasheet
152Kb / 4P
   70MHz SAW Filter 5MHz Bandwidth
LBT7028 SIPAT-LBT7028 Datasheet
140Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBT7029 SIPAT-LBT7029 Datasheet
145Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBT7029 SIPAT-LBT7029 Datasheet
139Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com