Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGD18N40LZ Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGD18N40LZ
Description  EAS 180 mJ - 400 V - internally clamped IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGD18N40LZ Datasheet HTML 3Page - STMicroelectronics STGD18N40LZ Datasheet HTML 4Page - STMicroelectronics STGD18N40LZ Datasheet HTML 5Page - STMicroelectronics STGD18N40LZ Datasheet HTML 6Page - STMicroelectronics STGD18N40LZ Datasheet HTML 7Page - STMicroelectronics STGD18N40LZ Datasheet HTML 8Page - STMicroelectronics STGD18N40LZ Datasheet HTML 9Page - STMicroelectronics STGD18N40LZ Datasheet HTML 10Page - STMicroelectronics STGD18N40LZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STGD18N40LZ - STGB18N40LZ
Electrical characteristics
7/18
Figure 8.
Collector current vs collector
emitter voltage @ 175 °C
Figure 9.
Transfer characteristics
Figure 10.
Collector emitter leakage current
vs. temperature
Figure 11.
Normalized collector emitter
breakdown voltage vs temperature
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized collector emitter
voltage vs temperature
0
10
20
30
40
50
60
01
2
3
45
6
TC = 175 °C
VGE = 3.8 V
VGE = 4 V
VGE = 4.5 V
VGE = 8 V
VGE = 5 V
VCE (V)
IC (A)
HV42400
0
5
10
15
20
25
30
35
40
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VGE (V)
IC (A)
VCE= 5V
25°C
-40°C
175°C
0
5
10
15
20
25
30
35
40
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VGE (V)
IC (A)
VCE= 5V
25°C
-40°C
175°C
HV38710


Similar Part No. - STGD18N40LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD18N40LZ STMICROELECTRONICS-STGD18N40LZ Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGD18N40LZ STMICROELECTRONICS-STGD18N40LZ Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGD18N40LZ-1 STMICROELECTRONICS-STGD18N40LZ-1 Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGD18N40LZ-1 STMICROELECTRONICS-STGD18N40LZ-1 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
More results

Similar Description - STGD18N40LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
   Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 7 - January 2021
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
October 2016 Rev 6
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 1 - January 2021
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
   Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
February 2018 Rev 3
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com