Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436664S24V Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V436664S24V
Description  3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436664S24V Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V436664S24V Datasheet HTML 1Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 2Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 3Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 4Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 5Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 6Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 7Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 8Page - Mosel Vitelic, Corp V436664S24V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V436664S24V
3
V436664S24V Rev. 1.1 March 2002
Module Part Number Information
Block Diagram
V
4
3
66
64
S
2
4
V
X
T
G - XX
SDRAM
3.3V
WIDTH
DEPTH
168 PIN Unbuffered
DIMM X8 COMPONENT
REFRESH
RATE 8K
4 BANKS
LVTTL
COMPONENT A=0.17u B=0.14u
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G = GOLD
SPEED
75PC = PC133 CL3,2
MOSEL VITELIC
MANUFACTURED
75
= PC133 CL3
10PC = PC133 CL3,2
DQM0
I/O1–I/O8
CS0
10
10
10
10
CS1
CS3
CS
DQM4
I/O33–I/O40
DQM1
I/O9–I/O16
DQM5
I/O41–I/O48
DQM2
I/O17–I/O24
CS2
10
10
10
10
DQM6
I/O49–I/O56
DQM3
I/O25–I/O32
DQM7
I/O57–I/O64
D0-D15
D0-D15
D0-D15
D0-D7
A12-A0, BA0, BA1
VDD
VCC
10K
RAS, CAS, WE
CKE0
CKE1
D0-D7
C0-C31
D9-D15
VSS
SA0
SA1
SA2
SCL
SA0
SA1
SA2
SCL
SDA
WP
E2PROM SPD (256 WORD X 8 BIT)
47K
CLOCK WIRING
16M X 64
CLK0
4 SDRAM +3.3pF
CLK1
4 SDRAM +3.3pF
CLK2
4 SDRAM +3.3pF
CLK3
4 SDRAM +3.3pF
DQM
I/O1–I/O8
D0
DQM
I/O1–I/O8
D1
DQM
I/O1–I/O8
D2
DQM
I/O1–I/O8
D3
CS
CS
CS
CS
DQM
I/O1–I/O8 D8
DQM
I/O1–I/O8 D9
DQM
I/O1–I/O8 D10
DQM
I/O1–I/O8 D11
CS
CS
CS
CS
DQM
I/O1–I/O8
D4
DQM
I/O1–I/O8
D5
DQM
I/O1–I/O8
D6
DQM
I/O1–I/O8
D7
CS
CS
CS
DQM
I/O1–I/O8 D12
DQM
I/O1–I/O8 D13
DQM
I/O1–I/O8 D14
DQM
I/O1–I/O8 D15
CS
CS
CS
CS
,C32-C42


Similar Part No. - V436664S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436664X24VXSG-10PC MOSEL-V436664X24VXSG-10PC Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436664X24VXSG-75 MOSEL-V436664X24VXSG-75 Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436664X24VXSG-75PC MOSEL-V436664X24VXSG-75PC Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
More results

Similar Description - V436664S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com