Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436632Y24VXTG-75 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V436632Y24VXTG-75
Description  256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632Y24VXTG-75 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V436632Y24VXTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 10Page - Mosel Vitelic, Corp V436632Y24VXTG-75 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSEL VITELIC
V436632Y24V
7
V436632Y24V Rev. 1.2 March 2002
Standby and Refresh Currents1
TA = 0°C to 70°C, VCC = 3.3V ± 0.3V
Sym-
bol
Parameter
Test Conditions
75PC/75
10PC
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC> = tRC(min),
tCK> = tCK(min), IO = 0 mA
2 Bank Interleave Operation
920
680
mA
1,2
ICC2P
Precharged Standby Current in
Power Down Mode
CKE< = VIL(max), tCK> = tCK(min)
16
16
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK> = tCK(min), In-
put changed once in 3 cycles
160
120
mA
CS = High
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK> = tCK(min)
80
80
mA
ICC3N
Active Standby Current in Non-Pow-
er Down Mode
CKE> = VIH(min), tCK> = tCK(min), In-
put changed one time
200
180
mA
CS = High
ICC4
Burst Operating Current
Burst length = Full Page,
tRC = Infinite, CL = 3,
tCK> = tCK(min), IO = 0 mA
2 Banks Activated
600
400
mA
1, 2
ICC5
Auto Refresh Current
tRC>= tRC(min)
1920
1760
mA
1,2
ICC6
Self Refresh Current
CKE = <0.2 V
Standard
24
24
mA
1,2
L-Version
13.6
13.6


Similar Part No. - V436632Y24VXTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-10PCL MOSEL-V436632R24VXTG-10PCL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-75L MOSEL-V436632R24VXTG-75L Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-75PCL MOSEL-V436632R24VXTG-75PCL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
More results

Similar Description - V436632Y24VXTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
   128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
logo
White Electronic Design...
W3DG6430V-D2 WEDC-W3DG6430V-D2 Datasheet
132Kb / 6P
   256MB - 32M x 64 BUFFERED SDRAM MODULE
logo
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5-E ELPIDA-EBD25UC8AKFA-5-E Datasheet
189Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
logo
Mosel Vitelic, Corp
V436632Z24V MOSEL-V436632Z24V Datasheet
297Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V826632G24S MOSEL-V826632G24S Datasheet
213Kb / 14P
   256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64
V826632B24S MOSEL-V826632B24S Datasheet
217Kb / 14P
   256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64
logo
List of Unclassifed Man...
UG42S6442HSG ETC2-UG42S6442HSG Datasheet
185Kb / 2P
   16M Bytes (2M x 64 bits) PC100 SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com