Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE72010RGCT Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCT
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCT Datasheet(HTML) 58 Page - Texas Instruments

Back Button CDCE72010RGCT Datasheet HTML 54Page - Texas Instruments CDCE72010RGCT Datasheet HTML 55Page - Texas Instruments CDCE72010RGCT Datasheet HTML 56Page - Texas Instruments CDCE72010RGCT Datasheet HTML 57Page - Texas Instruments CDCE72010RGCT Datasheet HTML 58Page - Texas Instruments CDCE72010RGCT Datasheet HTML 59Page - Texas Instruments CDCE72010RGCT Datasheet HTML 60Page - Texas Instruments CDCE72010RGCT Datasheet HTML 61Page - Texas Instruments CDCE72010RGCT Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
EXTERNAL/HOLD FUNCTION
INTERNAL/HOLD FUNCTION
3-State
ChargePump
yes
yes
no
PLL
Out-of-Lock
PLL-Lock
OutputSet
no
64PFD
LockCycles
Ref.Clock
isBack
no
no
Start
PLL isout- of-lockifthephase
differenceof ReferenceClock and
FeedbackClock
atPFDareoutsidethe
predefinedLock-Detect-Windoworifa
Cycle- Slipoccurs.
FrequencyHold-OverFunctionworksin
combinationwiththe AnalogLock -Detect
Charge- Pumpisswitchedinto 3-State.
PLL hastobeinLOCKtostart
HOLD-Function.
( The AnalogLockoutputisnotresetbythefirstOut-of-
Lockevent. Itstays ‘High’ dependingontheanalogtime
delay ( outputC-load). Thetimedelaymustbelongenough
toguaranteeproperHOLDfunction)
TheCharge-Pumpremainsinto 3-State
untilthe ReferenceClock isback. The 1
st
valid ReferenceClock atthePFDreleases
theCharge- Pump.
ThePLL acquire 64 lockcyclestophase
aligntotheinputclock.
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The Charge Pump can directly be switched into 3-State. This function is also available via SPI register. If logic
low is applied to HOLD pin the Charge Pump will be switched to 3-State. After HOLD pin is released, the charge
pump is switched back in to normal operation, with the next valid reference clock cycle at PRI_REF or SEC_REF
and the next valid feedback clock cycle at the PFD. During HOLD, all divider and all outputs are at normal
operation.
In Internal HOLD Function or HOLD-Over-Function the PLL has to be in lock to start the HOLD function. It
switches the Charge Pump in to 3-State when an ‘out-of-lock’ event occurs. It leaves the ‘3-State Charge Pump’
state when the Reference Clock is back. Then it starts a locking sequence of 64 cycles before it goes back to the
beginning of the HOLD-Over loop.
Figure 24. Frequency Hold Over
58
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010


Similar Part No. - CDCE72010RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010RGCT TI-CDCE72010RGCT Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010RGCTG4 TI-CDCE72010RGCTG4 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
More results

Similar Description - CDCE72010RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com