Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24083DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24083DRCT
Description  1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24083DRCT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24083DRCT Datasheet HTML 1Page - Texas Instruments BQ24083DRCT Datasheet HTML 2Page - Texas Instruments BQ24083DRCT Datasheet HTML 3Page - Texas Instruments BQ24083DRCT Datasheet HTML 4Page - Texas Instruments BQ24083DRCT Datasheet HTML 5Page - Texas Instruments BQ24083DRCT Datasheet HTML 6Page - Texas Instruments BQ24083DRCT Datasheet HTML 7Page - Texas Instruments BQ24083DRCT Datasheet HTML 8Page - Texas Instruments BQ24083DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ELECTRICAL CHARACTERISTICS
bq24083
www.ti.com........................................................................................................................................................................................................ SLUS848 – MAY 2008
over 0
°C ≤ T
J ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
ICC(VCC)
VCC current
VCC > VCC(min)
1.2
2
mA
Sum of currents into OUT pin,
ICC(SLP)
Sleep current
2
5
VCC < V(SLP)
µA
ICC(STBY)
Standby current
CE = High, 0
°C ≤ T
J ≤ 85°C
150
IIB(OUT)
Input current on OUT pin
Charge DONE, VCC > VCC(MIN)
1
5
VOLTAGE REGULATION VO(REG) + V(DO−MAX) ≤ VCC, I(TERM) < IO(OUT) ≤ 1 A
VBSEL = HI
4.06
VO(REG)
Output voltage
V
VBSEL = LO
4.2
TA = 25°C
−0.35%
0.35%
Voltage regulation accuracy
−1%
1%
VO(OUT) = VO(REG), IO(OUT) = 1 A
V(DO)
Dropout voltage (V(IN) − V(OUT))
350
500
mV
VO(REG) + V(DO)) ≤ VCC
CURRENT REGULATION
VI(OUT) > V(LOWV),
IO(OUT)
Output current range(1)
50
1000
mA
VI(IN) − VI(OUT) > V(DO), VCC ≥ 4.5 V
Voltage on ISET pin, VCC ≥ 4.5 V,
V(SET)
Output current set voltage
VI ≥ 4.5 V, VI(OUT) > V(LOWV),
2.463
2.5
2.538
V
VI − VI(OUT) > V(DO)
50 mA
≤ IO(OUT) ≤ 1 A
307
322
337
K(SET)
Output current set factor
10 mA
≤ IO(OUT) < 50 mA
296
320
346
1 mA
≤ IO(OUT) < 10 mA
246
320
416
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition
V(LOWV)
Voltage on OUT pin
2.8
3
3.2
V
threshold
VCC(MIN) ≥ 4.5 V, tFALL = 100 ns,
Deglitch time for fast-charge to precharge
10-mV overdrive,
250
375
500
ms
transition
VI(OUT) decreasing below threshold
IO(PRECHG)
Precharge range(2)
0 V < VI(OUT) < V(LOWV), t < t(PRECHG)
5
100
mA
Voltage on ISET pin, VO(REG) = 4.2 V,
V(PRECHG)
Precharge set voltage
240
255
270
mV
0 V < VI(OUT) > V(LOWV), t < t(PRECHG)
TERMINATION DETECTION
I(TERM)
Charge termination detection range(3)
VI(OUT) > V(RCH), t < t(TRMDET)
5
100
mA
Voltage on ISET pin, VO(REG) = 4.2 V,
V(TERM)
Charge termination detection set voltage
235
250
265
mV
VI(OUT) > V(RCH), t < t(TRMDET)
VCC(MIN) ≥ 4.5 V, tFALL = 100 ns
tTRMDET
Deglitch time for termination detection
charging current decreasing below
250
375
500
ms
10-mV overdrive
(1)
See Equation 2 in the Function Description section.
(2)
See Equation 1 in the Function Description section.
(3)
See Equation 4 in the Function Description section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq24083


Similar Part No. - BQ24083DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24083DRCT TI1-BQ24083DRCT Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
BQ24083DRCTG4 TI1-BQ24083DRCTG4 Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
More results

Similar Description - BQ24083DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24081-Q1 TI-BQ24081-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   bq2408x-Q1 1-A, Single Chip, Li-Ion and Li-Pol Automotive Charger
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com