Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4D02S8J012JT4E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4D02S8J012JT4E
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4D02S8J012JT4E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4D02S8J012JT4E Datasheet HTML 1Page - List of Unclassifed Manufacturers 4D02S8J012JT4E Datasheet HTML 2Page - List of Unclassifed Manufacturers 4D02S8J012JT4E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Value
Code
Value
Code
Value
Code
Value
Code
Value
Code
Value
Code
100
01
147
17
215
33
316
49
464
65
681
81
102
02
150
18
221
34
324
50
475
66
698
82
105
03
154
19
226
35
332
51
487
67
715
83
107
04
158
20
232
36
340
52
499
68
732
84
110
05
162
21
237
37
348
53
511
69
750
85
113
06
165
22
243
38
357
54
523
70
768
86
115
07
169
23
249
39
365
55
536
71
878
87
118
08
174
24
255
40
374
56
549
72
806
88
121
09
178
25
261
41
383
57
562
73
825
89
124
10
182
26
267
42
392
58
576
74
845
90
127
11
187
27
274
43
402
59
590
75
866
91
130
12
191
28
280
44
412
60
604
76
887
92
133
13
196
29
287
45
422
61
619
77
909
93
137
14
200
30
294
46
432
62
634
78
931
94
140
15
205
31
301
47
442
63
649
79
953
95
143
16
210
32
309
48
453
64
665
80
976
96
Thick Film Chip Resistors
• For 0402 size, no marking on the body due to the small size of the resistor.
• ±5% tolerance product. The marking is 3 digits, the first 2 digits are the significant figures of the resistance and the 3rd digit denotes
number of zeros following:
• ±1% tolerance of 0805,1206 sizes. The marking is 4 digits, the first 3 digits are the significant figures of the Resistance and the 4th digit
denotes number of zeros following:
Marking on the Resistors Body:
2372
3R24
153
6R8
• Standard E-96 series values (±1% tolerance) of 0603 size. Due to the small size of the resistor’s body, 3 digits marking will be used to
indicate the accurate resistance value by using the following Multiplier & Resistance Code.
Multiplier Code (for 0603 1% marking)
So the resistance value are marked as the following examples:
29B
1
10X
-1
= 10X
122
680
• Standard E-24 and not belong to E-96 series values (in ±1% tolerance) of 0603 size. The marking is the same as 5% tolerance but marking
as underline.
Standard E-96 Series Resistance Value Code (for 0603 1% marking)
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
-1
10
-2
10
-3
UniOhm
3


Similar Description - 4D02S8J012JT4E

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com