Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHAU-17A12B-120 Datasheet(PDF) 2 Page - Tyco Electronics

Part # KHAU-17A12B-120
Description  General Purpose Dry Circuit to 5A Multicontact AC or DC Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KHAU-17A12B-120 Datasheet(HTML) 2 Page - Tyco Electronics

  KHAU-17A12B-120 Datasheet HTML 1Page - Tyco Electronics KHAU-17A12B-120 Datasheet HTML 2Page - Tyco Electronics KHAU-17A12B-120 Datasheet HTML 3Page - Tyco Electronics KHAU-17A12B-120 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KHAE-17D12-24
KHAU-11A11-120
KHAU-11D11-24
KHAU-17A11-12
KHAU-17A11-24
KHAU-17A11-120
KHAU-17A11N-120
KHAU-17A12-120
KHAU-17A13-120
KHAU-17A16-24
KHAU-17A16-120
KHAU-17A18-120
KHAU-17D11-6
KHAU-17D11-12
Ordering Information
Stock Items - The following items are normally maintained in stock for immediate delivery.
KHAU-17D11-24
KHAU-17D11-48
KHAU-17D11-110
KHAU-17D12-12
KHAU-17D12-24
KHAU-17D12-48
KHAU-17D12-110
KHAU-17D16-12
KHAU-17D16-24
KHS-17A11-24
KHS-17A11-120
KHS-17A12-120
KHS-17D11-12
KHS-17D11-24
KHS-17D11-48
KHS-17D11-110
KHS-17D12-12
KHS-17D12-24
Typical Part No.
B
KHA
U
-17
A
1
1
B
-24
1. Basic Series: (See Note 1)
2. Type:
E = Printed circuit terminals, nylon dust cover, contacts rated opposite polarity (UL & CSA).
S = Solder terminals, hermetically sealed steel case (UL & CSA). Note: Do not ground
KHS frame without consulting factory for load levels. (Order as KHS, not KHAS.)
U = Solder terminals, clear polycarbonate dust cover, contacts rated same polarity
(UL & CSA).
3. Contact Arrangement:
11 = 2 Form C (DPDT)
17 = 4 Form C (4PDT)
4. Operating Coil:
A = AC
D = DC
5. Mounting and Termination:
1 = Socket mount, solder terminals on S, U types; printed circuit terminals on E types.
6. Contact Material:
Relay Type
E
S
U
Available Codes
1, 2, 3,
1*, 2*,
1, 2,
6, 8
3
6, 8
*UL Rated 1/10 HP, 3A, 120VAC when used with mounting & termination 1.
1 = Silver.
3 = Gold-silver-nickel.
8 = Gold diffused silver.
2 = Silver-cadmium oxide.
6 = Bifurcated crossbar, gold overlay silver.
7. Options Available:
Relay Type
E
S
U
N
Available Codes
B (DPDT only)
None
B
H
L
M
B = Push to test button.
N = Neon indicator. Only available with 120VAC or 110VDC coils. Not available with mounting & termination 4 or 8.
H = Neon indicator and push to test button. Only available with 120VAC or DC coils. Not available with mounting & termination 4 or 8.
L = LED indicator. Only available with 6-48VDC coils.
M = LED indicator and push-to-test button. Only available with 6-48VDC coils.
8. Coil Voltage:
6, 12, 24, 48, 120, 240**VAC
6, 12, 24, 48, 110VDC
**240VAC coil is not available on KHS type relays.
Note 1: Some KHA models available in KH construction. Specify KH instead of KHA.


Similar Part No. - KHAU-17A12B-120

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Pepperl+Fuchs Inc.
KHA6-SH-EX1 PF-KHA6-SH-EX1 Datasheet
1Mb / 5P
   Switch Amplifier
2021-12-20
More results

Similar Description - KHAU-17A12B-120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
319Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com