Electronic Components Datasheet Search |
|
IC80C58-12PL Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc |
|
IC80C58-12PL Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc |
8 / 22 page IC80C54 IC80C58 8 Integrated Circuit Solution Inc. MC003-0B Power-on Reset An automatic reset can be obtained when VCC goes through a 10 µF capacitor and GND through an 8.2K resistor, providing the Vcc rise time does not exceed 1 msec and the oscillator start-up time does not exceed 10 msec. This Power-on reset circuit is shown if Figure 21. The CMOS devices do not require the 8.2K pulldown resistor, although its presence does no harm. When power is turned on, the circuit holds the RST pin high for an amount of time that depends on the value of the capacitor and the rate at which it charges. To ensure a good reset, the RST pin must be high long enough to allow the oscillator time to start-up (normally a few msec) plus two machine cycles. Note that the port pins will be in a random state until the oscillator has start and the internal reset algorithm has written 1s to them. With this circuit, reducing VCC quickly to 0 causes the RST pin voltage to momentarily fall below 0V. However, this voltage is internally limited and will not harm the device. Figure 6. Power-On Reset Circuit Vcc RST GND Vcc IC80C54/58 10 F 8.2K Ω + - Figure 7. Reset Timing 12 OSC. PERIODS ALE RST SAMPLE RST SAMPLE RST INTERNAL RESET SIGNAL PSEN P0 11 OSC. PERIODS INST ADDR INST INST INST 19 OSC. PERIODS S5 S6 S1 S2 S3 S4 S5 S6 S1 S2 S3 S4 S5 S6 S1 S2 S3 S4 ADDR ADDR ADDR INST ADDR |
Similar Part No. - IC80C58-12PL |
|
Similar Description - IC80C58-12PL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |