Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP122 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HP122
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP122 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HP122 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
N P N
S I L I C O N
T R A N S I S T O R
HP122
对应国外型号
TIP122
█ 主要用途
█ 外形图及引脚排列
该器件为达林顿三极管内含阻尼二极管,用于高增益电路。
█ 极限值(T
a=25℃)
1―基
极,B
2―集电极,C
3―发射极,E
TO-220
Tstg——贮存温度………………………………… -55~150℃
Tj——结温…………………………………………… 150℃
PC——集电极功率耗散(Tc=25℃)………………………… 65W
PC——集电极功率耗散(TA=25℃)…………………………2W
VCBO——集电极—基极电压……………………………… 100V
VCEO——集电极—发射极电压…………………………… 100V
VEBO——发射极—基极电压………………………………… 5V
IC——集电极电流…………………………………………… 5A
█ 电参数(T
a=25℃)
参数符号
最小值
典型值
最大值
单 位
ICEO
ICBO
IEBO
hFE
VCE(sat)
BVCBO
BVCEO
集电极—发射极截止电流
集电极—基极截止电流
发射极—基极截止电流
直流电流增益
集电极—发射极饱和压降
集电极—基极击穿电压
集电极—发射极击穿电压
1000
100
100
0.2
0.2
2
2
4.0
mA
mA
mA
V
V
V
V
VCE=100V, IB=0
VCB=100V, IE=0
VBE=5V, IC=0
VCE=3V, IC=0.5A
IC=3A, IB=12mA
IC=5A, IB=20mA
IC=1mA, IE=0
IC=5mA, IB=0


Similar Part No. - HP122

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HP122 HUASHAN-HP122 Datasheet
134Kb / 2P
   NPN SILICON TRANSISTOR
logo
Belden Inc.
HP122412 BELDEN-HP122412 Datasheet
142Kb / 2P
   Inst, 24 Pr #12 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC SUN RES
04-08-2022
HP1224120101150 BELDEN-HP1224120101150 Datasheet
142Kb / 2P
   Inst, 24 Pr #12 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC SUN RES
04-08-2022
logo
SHANTOU HUASHAN ELECTRO...
HP122U HUASHAN-HP122U Datasheet
76Kb / 2P
   NPN SILICON TRANSISTOR
HP122W HUASHAN-HP122W Datasheet
75Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - HP122

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com