Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC80C54-24PQ Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC80C54-24PQ
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C54-24PQ Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC80C54-24PQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC80C54-24PQ Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Integrated Circuit Solution Inc.
7
MC003-0B
IC80C54
IC80C58
Table 2. Reset Values of the SFR's
SFR Name
Reset Value
PC
0000H
ACC
00H
B
00H
PSW
00H
SP
07H
DPTR
0000H
P0-P3
FFH
IP
XX000000B
IE
0X000000B
TMOD
00H
TCON
00H
T2CON
00H
TH0
00H
TL0
00H
TH1
00H
TL1
00H
TH2
00H
TL2
00H
RCAP2H
00H
RCAP2L
00H
SCON
00H
SBUF
Indeterminate
PCON
0XXX0000B
OTHER INFORMATION
Reset
The reset input is the RST pin, which is the input to a
Schmitt Trigger.
A reset is accomplished by holding the RST pin high for at
least two machine cycles (24 oscillator periods), while the
oscillator is running. The CPU responds by generating an
internal reset, with the timing shown in Figure 7.
The external reset signal is asynchronous to the internal
clock. The RST pin is sampled during State 5 Phase 2 of
every machine cycle. The port pins will maintain their
current activities for 19 oscillator periods after a logic 1 has
been sampled at the RST pin; that is, for 19 to 31 oscillator
periods after the external reset signal has been applied to
the RST pin.
The internal reset algorithm writes 0s to all the SFRs except
the port latches, the Stack Pointer, and SBUF. The port
latches are initialized to FFH, the Stack Pointer to 07H, and
SBUF is indeterminate. Table 9 lists the SFRs and their
reset values.
Then internal RAM is not affected by reset. On power-up
the RAM content is indeterminate.


Similar Part No. - IC80C54-24PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PL ICSI-IC80C51-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PQ ICSI-IC80C51-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12W ICSI-IC80C51-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-24PL ICSI-IC80C51-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C54-24PQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com