Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6734AKAD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6734AKAD
Description  Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6734AKAD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6734AKAD Datasheet HTML 5Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 6Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 7Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 8Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 9Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 10Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 11Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 12Page - Maxim Integrated Products MAX6734AKAD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic-low on MR
asserts the reset output, clears the watchdog timer,
and deasserts the watchdog output. Reset remains
asserted while MR is low and for the reset timeout peri-
od (tRP) after MR returns high. An internal 50k
Ω pullup
resistor allows MR to be left open if unused. Drive MR
with CMOS-logic levels or with open-drain/collector out-
puts. Connect a normally open momentary switch from
MR to GND to create a manual reset function; external
debounce circuitry is not required. Connect a 0.1µF
capacitor from MR to GND to provide additional noise
immunity when driving MR over long cables or if the
device is used in a noisy environment.
Adjustable Input Voltage (RSTIN)
The MAX6734A/MAX6735A provide an additional high-
impedance comparator input with a 626mV threshold to
monitor a third supply voltage. To monitor a voltage
higher than 626mV, connect a resistive divider to the
circuit as shown in Figure 2 to establish an externally
controlled threshold voltage, VEXT_TH.
V
= 626mV
EXT_TH
×
+
()
RR
R
12
2
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
_______________________________________________________________________________________
9
tRP
tRP
VTH
VCC
(MIN)
VCC1,
VCC2
RSTIN
RST
WDO
MR
Figure 1. RST, WDO, and MR Timing Diagram
MAX6734A
MAX6735A
VEXT_TH
GND
RSTIN
R1
R2
Figure 2. Monitoring a Third Voltage


Similar Part No. - MAX6734AKAD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6734 MAXIM-MAX6734 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6734 MAXIM-MAX6734 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6734 MAXIM-MAX6734 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6734KALTD3-T MAXIM-MAX6734KALTD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6734KALTD3-T MAXIM-MAX6734KALTD3-T Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
More results

Similar Description - MAX6734AKAD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730 MAXIM-MAX6730_11 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com