Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1542-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1542-4
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1542-4 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1542-4 Datasheet HTML 1Page - STMicroelectronics SD1542-4 Datasheet HTML 2Page - STMicroelectronics SD1542-4 Datasheet HTML 3Page - STMicroelectronics SD1542-4 Datasheet HTML 4Page - STMicroelectronics SD1542-4 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .500 2LFL (M112)
hermetically sealed
.
DESIGNED FOR HIGH POWER PULSED
IFF
.
600 WATTS (min.) IFF 1030/1090 MHz
.
REFRACTORY GOLD METALLIZATION
.
6.0 dB MIN. GAIN
.
BALLASTING AND LOW THERMAL
REISTANCE FOR RELIABILITY AND
RUGGEDNESS
.
30:1 LOAD VSWR CAPABILITY AT
SPECIFIED OPERATING CONDITIONS
.
INPUT MATCHED, COMMON BASE
CONFIGURATION
DESCRIPTION
The SD1542-04 is a hermetically sealed, gold me-
tallized, silicon NPN power transistor. The SD1542-
04 is designed for applications requiring high peak
power and low duty cycles such as IFF. The
SD1542-04 is packaged in a hermetic metal/ce-
ramic package with internal input matching, re-
sulting in improved broadband performance and
low thermal reistance.
PIN CONNECTION
BRANDING
SD1542-4
ORDER CODE
SD1542-04
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
40
A
PDISS
Power Dissipation
1350
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.06
°C/W
SD1542-04
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
November 1992
1/5


Similar Part No. - SD1542-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1542-42 STMICROELECTRONICS-SD1542-42 Datasheet
57Kb / 4P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Advanced Semiconductor
SD1542-42 ASI-SD1542-42 Datasheet
148Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - SD1542-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209_08 Datasheet
128Kb / 4P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com