Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436632Y24VXTG-75PC Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V436632Y24VXTG-75PC
Description  256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436632Y24VXTG-75PC Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V436632Y24VXTG-75PC Datasheet HTML 1Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 2Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 3Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 4Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 5Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 6Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 7Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 8Page - Mosel Vitelic, Corp V436632Y24VXTG-75PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V436632Y24V
5
V436632Y24V Rev. 1.2 March 2002
29
Minimum RAS to CAS Delay tRCD
15 ns/20 ns
0F
14
14
30
Minimum RAS Pulse Width tRAS
42 ns/45 ns
2A
2D
2D
31
Module Bank Density (Per Bank)
128 Mbyte
20
20
20
64
SDRAM Input Setup Time
1.5 ns/2.0 ns
15
15
20
33
SDRAM Input Hold Time
0.8 ns/ 1.0 ns
08
08
10
34
SDRAM Data Input Setup Time
1.5 ns/2.0 ns
15
15
20
35
SDRAM Data Input Hold Time
0.8 ns/1.0 ns
08
08
10
62-61
Superset Information (May be used in Future)
00
00
00
62
SPD Revision
Revision 2 / 1.2
02
02
12
63
Checksum for Bytes 0 - 62
E5
2A
98
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
40
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
00
00
72
Manufacturing Location
1 = US, 2 = Taiwan
73-90
Module Part Number (ASCII)
V436632Y24V
91-92
PCB Identification Code
Current PCB Revision
93
Assembly Manufacturing Date (Year)
Binary Coded year (BCD)
94
Assembly Manufacturing Date (Week)
Binary Coded week (BCD)
95-98
Assembly Serial Number
byte 95 = LSB, byte 98 =
MSB
99-125
Reserved
00
00
00
126
Intel Specification for Frequency
64
64
64
127
Supported Frequency
128+
Unused Storage Location
00
00
00
SPD-Table for modules: (Continued)
Byte
Number
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC


Similar Part No. - V436632Y24VXTG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-10PCL MOSEL-V436632R24VXTG-10PCL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-75L MOSEL-V436632R24VXTG-75L Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632R24VXTG-75PCL MOSEL-V436632R24VXTG-75PCL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
More results

Similar Description - V436632Y24VXTG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
   128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
logo
White Electronic Design...
W3DG6430V-D2 WEDC-W3DG6430V-D2 Datasheet
132Kb / 6P
   256MB - 32M x 64 BUFFERED SDRAM MODULE
logo
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5-E ELPIDA-EBD25UC8AKFA-5-E Datasheet
189Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
logo
Mosel Vitelic, Corp
V436632Z24V MOSEL-V436632Z24V Datasheet
297Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V826632G24S MOSEL-V826632G24S Datasheet
213Kb / 14P
   256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64
V826632B24S MOSEL-V826632B24S Datasheet
217Kb / 14P
   256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64
logo
List of Unclassifed Man...
UG42S6442HSG ETC2-UG42S6442HSG Datasheet
185Kb / 2P
   16M Bytes (2M x 64 bits) PC100 SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com