Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6730AUT Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6730AUT
Description  Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6730AUT Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6730AUT Datasheet HTML 7Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 8Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 9Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 10Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 11Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 12Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 13Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 14Page - Maxim Integrated Products MAX6730AUT Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Applications Information
Interfacing to µPs with Bidirectional
Reset Pins
Microprocessors with bidirectional reset pins can inter-
face directly with the open-drain RST output options.
However, conditions might occur in which the push-pull
output versions experience logic contention with the
bidirectional reset pin of the µP. Connect a 10k
Ω resis-
tor between RST and the µP’s reset I/O port to prevent
logic contention (Figure 5).
Falling VCC Transients
The MAX6730A–MAX6735A µP supervisors are relative-
ly immune to short-duration falling VCC_ transients
(glitches). Small glitches on VCC_ are ignored by the
MAX6730A–MAX6735A, preventing undesirable reset
pulses to the µP. The Typical Operating Characteristics
show Maximum VCC_ Transient Duration vs. Reset
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
______________________________________________________________________________________
11
tRP
>tWD-S
tMR
<tWD-S
<tWD-L
<tWD-L
tRP
VTH
VCC
(MIN)
VCC1,
VCC2
RSTIN
RST
WDO
WDI
MR
Figure 4. Watchdog Input/Output Timing Diagram (MR and WDO Connected)
MAX6731A
MAX6733A
MAX6735A
VCC1
VCC1
VCC2
VCC2
RESET TO
OTHER
SYSTEM
COMPONENTS
GND
µP
RST
GND
10k
RESET
Figure 5. Interfacing to µPs with Bidirectional Reset I/O


Similar Part No. - MAX6730AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730 MAXIM-MAX6730 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6730 MAXIM-MAX6730 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6730UTLD3-T MAXIM-MAX6730UTLD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730UTLD3-T MAXIM-MAX6730UTLD3-T Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
More results

Similar Description - MAX6730AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730 MAXIM-MAX6730_11 Datasheet
181Kb / 15P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com