Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9966010701 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 9966010701
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9966010701 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 9966010701 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9966010701 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2000 Feb 08
10
BCcomponents
Product specification
Interference suppression film capacitors
MKP 336 1
CHARACTERISTICS
Capacitance
Tangent of loss angle
Fig.7 Capacitance change at 1 kHz as a function of temperature.
296x12(full_width)
100
-50
0
50
CBA505
4
-6
-4
-2
0
2
Tamb (°C)
∆C/C
(%)
max.
typical
min.
Fig.8 Tangent of loss angle as a function of frequency: typical curves.
296x12(full_width)
CBA877
105
10 4
10 3
10 2
10 1
10
100
101
102
3
f (Hz)
dissipation
factor
(x 10-4)
C ≤ 10
nF
10 nF
< C≤
47 nF
47 nF
< C
≤ 220
nF
220
nF
< C
≤ 1µ
F
C =
1 µ
F


Similar Part No. - 9966010701

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9966 BELDEN-9966 Datasheet
146Kb / 2P
   Electronic, 2 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9966-009100 BELDEN-9966-009100 Datasheet
146Kb / 2P
   Electronic, 2 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9966-0091000 BELDEN-9966-0091000 Datasheet
146Kb / 2P
   Electronic, 2 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
9966-009500 BELDEN-9966-009500 Datasheet
146Kb / 2P
   Electronic, 2 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
logo
VBsemi Electronics Co.,...
9966GM VBSEMI-9966GM Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results

Similar Description - 9966010701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com