Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15022 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15022
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15022 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15022 Datasheet HTML 7Page - Maxim Integrated Products MAX15022 Datasheet HTML 8Page - Maxim Integrated Products MAX15022 Datasheet HTML 9Page - Maxim Integrated Products MAX15022 Datasheet HTML 10Page - Maxim Integrated Products MAX15022 Datasheet HTML 11Page - Maxim Integrated Products MAX15022 Datasheet HTML 12Page - Maxim Integrated Products MAX15022 Datasheet HTML 13Page - Maxim Integrated Products MAX15022 Datasheet HTML 14Page - Maxim Integrated Products MAX15022 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Dual LDO Controllers
______________________________________________________________________________________
11
Functional Diagrams (continued)
MAX15022
RES
PWM CONTROLLER 2
DUAL LDO CONTROLLERS
CLK2
SEQ2
ON2
EN2
COMP2
FB2
VREF
1.225V
1.1V
SEQ1
ON1 ON2
SEQ1 SEQ2
SEQ1
CLK2
LEVEL
SHIFT
SEQ2
OVL2
ILIM2
VREF
OVL1
PGND2
LX2
OVL2
SHDN
CLK1 CLK2
DOWN2
E/A
CPWM
VR2
EN2
VREF
RAMP
OVL
CONFIG
CLK2
DIGITAL
SOFT-START
EN CONFIG
OVERLOAD
MANAGEMENT
DIGITAL
SOFT-START
AND SOFT-STOP
EN4
EN3
1.25V
1.125V
SHDN
D
R
BREAK-
BEFORE-
MAKE
Q
AVIN
HIGH-SIDE
CURRENT
SENSE
LOW-SIDE
CURRENT
SENSE
CLK
DVDD2
B4
PVIN2
FB4
VREF
SHDN
CLK1
DIGITAL
SOFT-START
1.225V
1.1V
B3
FB3


Similar Part No. - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022 MAXIM-MAX15022 Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
MAX15022ATI++ MAXIM-MAX15022ATI+ Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022ATI/V++ MAXIM-MAX15022ATI/V+ Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
More results

Similar Description - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
logo
Linear Technology
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com