Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2080NL Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PA2080NL
Description  THT POWER INDUCTORS Power Beads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2080NL Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PA2080NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2080NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2080NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2080NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2080NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2080NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
THT POWER INDUCTORS
Power Beads - PA2080NL, PA1894NL,
PA2150NL and PA2125NL Series
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
5
P656.B (5/08)
Typical Inductance vs DC Bias for PA2150.XXXNL Series
CoreLoss (W) for PA2150.XXXNL Series
Temp Rise vs Power Dissipation for PA2150.XXXNL Series
DB
where DB = 0.284 * L(nH) * DI
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
90
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
500
1000
1500
2000
2500
600
kHz
500
kHz
400
kHz
300
kHz
200
kHz
0
100
200
300
400
500
0
10
203040
50
60
70
Current (A)
PA2150.471NL
@ 25°C
PA2150.371NL
PA2150.261NL
PA2150.181NL
50
150
250
350
450
PA2150.231NL
0
100
200
300
400
500
0
10
203040
50
60
70
Current (A)
PA2150.471NL
@ 100°C
PA2150.371NL
PA2150.261NL
PA2150.181NL
50
150
250
350
450
PA2150.231NL


Similar Part No. - PA2080NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2083.101NL** PULSE-PA2083.101NL* Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
PA2083.121NL** PULSE-PA2083.121NL* Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
PA2083.161NL** PULSE-PA2083.161NL* Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
PA2083.181NL** PULSE-PA2083.181NL* Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
PA2083.201NL** PULSE-PA2083.201NL* Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
More results

Similar Description - PA2080NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92414NL PULSE-PE-92414NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92103NL PULSE-PE-92103NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com