Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO0630T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VO0630T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0630T Datasheet(HTML) 5 Page - Vishay Siliconix

  VO0630T Datasheet HTML 1Page - Vishay Siliconix VO0630T Datasheet HTML 2Page - Vishay Siliconix VO0630T Datasheet HTML 3Page - Vishay Siliconix VO0630T Datasheet HTML 4Page - Vishay Siliconix VO0630T Datasheet HTML 5Page - Vishay Siliconix VO0630T Datasheet HTML 6Page - Vishay Siliconix VO0630T Datasheet HTML 7Page - Vishay Siliconix VO0630T Datasheet HTML 8Page - Vishay Siliconix VO0630T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 84607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 14-Mar-08
911
VO0600T/VO0601T/VO0611T/VO0630T/VO0631T/VO0661T
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Vishay Semiconductors
Fig. 4 - Single Channel Test Circuit for Common Mode Transient Immunity
Fig. 5 - Dual Channel Test Circuit for Common Mode Transient Immunity
Note
As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of prodective circuits.
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
6000
V
VIORM
560
V
PSO
350
mW
ISI
150
mA
TSI
165
°C
Creepage
4mm
Clearance
4mm
Insulation thickness, reinforced rated
per IEC 60950 2.10.5.1
0.2
mm
V
CM (PEAK)
Switch AT A: IF
Switch AT A:
V
O
(min.
V
O
(max.)
0 V
5 V
V
CM
V
O
VO 0.5 V
CM
H
CML
1
2
3
4
8
7
6
5
18976-2
GND
0.1 µF
Bypass
V
CC
VOUT
VCC
R
L
Output VO
Monitoring
Node
+
-
V
CM
Single Channel
B
A
V
FF
I
F
Pulse Generator
Z = 50
Ω
O
VE
)
= 0 mA
IF = 7.5 mA
1
2
3
4
8
7
6
5
18977-1
GND
0.1 µF
Bypass
V
CC
R
L Output VO
Monitoring
Node
+
-
V
CM
B
A
V
FF
I
F
Pulse Generator
Z
= 50
Ω
O
Dual Channel
VCC


Similar Part No. - VO0630T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO0630T VISHAY-VO0630T Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0630T VISHAY-VO0630T Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VO0630T VISHAY-VO0630T Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - VO0630T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com